Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZH221M16V63X61NBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAZH221M16V63X61NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZH221M16V63X61NBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAZH221M16V63X61NBF Datasheet HTML 1Page - NIC-Components Corp. NAZH221M16V63X61NBF Datasheet HTML 2Page - NIC-Components Corp. NAZH221M16V63X61NBF Datasheet HTML 3Page - NIC-Components Corp. NAZH221M16V63X61NBF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Case Size
a
b
c
4x6.1
1.0
2.5
1.6
5x6.1
1.5
2.8
1.6
6x3x6.1
1.8
3.2
1.6
6.3x8
1.8
3.2
1.6
8x10.5
3.1
4.0
2.0
10x10.5
4.6
4.1
2.0
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Surface Mount Aluminum Electrolytic Capacitors NAZH Series
Diameter
Peak Temperature
Duration
Time > 230°C
Time > 217°C
Time > 200°C
Number of
Reflow Passes*
4 ~ 6.3mm
φ
260°C
Time > 250°C, 5 sec.
30 sec.
40 sec.
70 sec.
2
255°C
Time > 250°C, 10 sec.
8 ~ 10mm
φ
260°C
Time > 250°C, 5 sec.
1
245°C
Time > 240°C, 10 sec.
2
PEAK REFLOW TEMPERATURE AND DURATION
Time Above
200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(160°C)
Peak Temperature
(see table)
230
*Second reflow shall be at least one hour after natural cool to room
temperature.
CARRIER TAPE DIMENSIONS
Case Size A ±0.2
B +0.3/
-0.2
C ±0.3 D ±0.1 P ±0.1 T ±0.2 t ±0.1
4x6.1
4.7
4.6 +0.2/
-0.1
12.0
5.5
8.0
6.2
0.4
5x6.1
5.7
5.7
12.0
5.5
12.0
6.4
0.4
6.3x6.1
7.0
7.0
16.0
7.5
12.0
6.4
0.4
6.3x8
7.0
7.0
16.0
7.5
12.0
8.4
0.4
8x10.5
8.7
8.7
24.0
11.5
16.0
11.0
0.4
10x10.5
10.7
10.7
24.0
11.5
16.0
11.0
0.4
T
A
P
Feeding
1.5
φ+0.1/-0
1.75 + 0.10
t
4 + 0.1
Time Above
217°C
(see table)
Time Above 230°C
(see table)
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
RESISTANCE TO SOLDERING HEAT
Resistance to
Soldering Heat
After reflow soldering the capacitor shall be stablized at room
temperature prior to measuring.
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than initial measured value
Leakage Current
Less than initial measured value
Appearance
No significant change can be observed
1. Leader and trailer will have a minimum of 10 empty pockets and 20cm of extended cover tape.
2. A maximum of 3 connections (splices) per reel.


Similar Part No. - NAZH221M16V63X61NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZH221M16V6.3X6.1NBF NIC-NAZH221M16V6.3X6.1NBF Datasheet
106Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZH221M16V63X61NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com