Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRG4BC30S-S Datasheet(PDF) 8 Page - International Rectifier

Part # AUIRG4BC30S-S
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRG4BC30S-S Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIRG4BC30S-S Datasheet HTML 4Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 5Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 6Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 7Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 8Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 9Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 10Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 11Page - International Rectifier AUIRG4BC30S-S Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AUIRG4BC30S-S/SL
8
www.irf.com
D.U.T.
50V
L
V *
C
c
d
* Driver same type as D.U.T.; Vc = 80% of Vce(max)
* Note: Due to the 50V power supply, pulse width and inductor
will increase to obtain rated Id.
1000V
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
t=5µs
d(on)
t
tf
tr
90%
td(off)
10%
90%
10%
5%
VC
IC
Eon
Eoff
ts
on
off
E = (E +E )
c
d
e
Fig. 14b - Switching Loss
Waveforms
50V
Driver*
1000V
D.U.T.
IC
C
V
™Ã
d
e
L
Fig. 14a - Switching Loss
Test Circuit
* Driver same type
as D.U.T., VC = 480V
0 - VCC
RL
ICM
VCC
=
480µF
Pulsed Collector Current
Test Circuit


Similar Part No. - AUIRG4BC30S-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRG4BC30U-S IRF-AUIRG4BC30U-S Datasheet
329Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
AUIRG4BC30U-SL IRF-AUIRG4BC30U-SL Datasheet
329Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
AUIRG4BC30USTRL IRF-AUIRG4BC30USTRL Datasheet
329Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
AUIRG4BC30USTRR IRF-AUIRG4BC30USTRR Datasheet
329Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - AUIRG4BC30S-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com