Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAWU470M10V63X63LBF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NAWU470M10V63X63LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWU470M10V63X63LBF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NAWU470M10V63X63LBF Datasheet HTML 1Page - NIC-Components Corp. NAWU470M10V63X63LBF Datasheet HTML 2Page - NIC-Components Corp. NAWU470M10V63X63LBF Datasheet HTML 3Page - NIC-Components Corp. NAWU470M10V63X63LBF Datasheet HTML 4Page - NIC-Components Corp. NAWU470M10V63X63LBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAWU Series
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
Voltage
Diameter
Time above
200°C (t)
Time above
217°C (t1)
Time above
230°C (t2)
Peak Temperature
5 seconds (T)
6.3 ~ 50V
4 ~ 6.3mm
φ
70 sec. max.
60 sec. max.
40 sec. max.
250°C
100V
8mm
φ
60 sec. max.
40 sec. max.
30 sec. max
240°C
160 ~ 400V
8 ~ 10mm
φ
50 sec. max.
30 sec. max.
20 sec. max.
240°C
12.5mm
φ
45 sec. max.
20 sec. max.
10 sec. max.
235°C
PEAK REFLOW TEMPERATURE AND DURATION
Capacitors can withstand two times reflow at the above conditions.
Second reflow shall be at least one hour after natural cool to room
temperature.
(t)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(T)
230
(t1)
217
(t)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(T)
230
(t2)
(t1)
217
Voltage
Diameter
Time above
200°C (t)
Time above
217°C (t1)
Peak Temperature
5 seconds (T)
160 ~ 400V
16 ~ 18mm
φ
30 sec. max.
15 sec. max.
230°C
PEAK REFLOW TEMPERATURE AND DURATION


Similar Part No. - NAWU470M10V63X63LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWU470M16V5X6.1JBF NIC-NAWU470M16V5X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWU470M10V63X63LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com