Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACY470M16V63X63TR13F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NACY470M16V63X63TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACY470M16V63X63TR13F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NACY470M16V63X63TR13F Datasheet HTML 1Page - NIC-Components Corp. NACY470M16V63X63TR13F Datasheet HTML 2Page - NIC-Components Corp. NACY470M16V63X63TR13F Datasheet HTML 3Page - NIC-Components Corp. NACY470M16V63X63TR13F Datasheet HTML 4Page - NIC-Components Corp. NACY470M16V63X63TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
DIMENSIONS (mm)
Case Size
D
φ ±0.5
L max.
A ±0.2
B ±0.2
I ±0.2
W
P ±0.2
4 x 6.3
4.0
6.3
4.3
4.3
1.8
0.5 ~ 0.8
1.0
5 x 6.3
5.0
6.3
5.3
5.3
2.2
0.5 ~ 0.8
1.5
6.3 x 6.3
6.3
6.3
6.6
6.6
2.5
0.5 ~ 0.8
2.2
6.3 x 8
6.3
8.0
6.6
6.6
2.5
0.5 ~ 0.8
2.2
8 X 10.5
8.0
10.5
8.3
8.3
2.9
0.7 ~ 1.0
3.2
10 x 10.5
10.0
10.5
10.3
10.3
3.2
0.7 ~ 1.4
4.6
12.5 x 14
12.5
14.0
12.8
12.8
4.5
0.6 ~ 1.4
4.6
16x17
16.0
17
16.3
16.3
5.0
1.8 ~ 2.1
7.0
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Case Size
a
b
c
4
φ
1.0
2.6
1.8
5
φ
1.4
3.0
1.8
6.3
φ
1.8
3.6
1.8
8
φ
2.8
4.1
2.1
10
φ
4.3
4.4
2.5
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Surface Mount Aluminum Electrolytic Capacitors NACY Series
Voltage
Diameter
Time above
200°C
Time above
217°C
Time above
230°C
Peak
Temperature
6.3 ~ 63V
4 ~ 6.3mm
φ
70 sec. max.
60 sec. max.
40 sec. max.
250°C
8mm
φ
60 sec. max.
50 sec. max.
30 sec. max.
245°C
10mm ~ 12mm
φ
50 sec. max.
40 sec. max.
20 sec. max.
240°C
16mm
φ
50 sec. max.
30 sec. max.
15 sec. max.
235°C
80V ~ 100V
6.3mm
φ
60 sec. max.
50 sec. max.
40 sec. max.
250°C
8mm
φ
60 sec. max.
40 sec. max.
30 sec. max.
240°C
10mm
φ
50 sec. max.
30 sec. max.
20 sec. max.
240°C
12mm
φ
50 sec. max.
30 sec. max.
20 sec. max.
235°C
16mm
φ
45 sec. max.
20 sec. max.
10 sec. max.
235°C
REFLOW TEMPERATURES AND DURATION
Time Above
200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)


Similar Part No. - NACY470M16V63X63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACY470M16V6.3X6.3TR13F NIC-NACY470M16V6.3X6.3TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY470M16V6.3X8TR13F NIC-NACY470M16V6.3X8TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACY470M16V63X63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com