Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFB0912SH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AFB0912SH
Description  92 x 92 x 25.4 MM SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFB0912SH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AFB0912SH Datasheet HTML 1Page - List of Unclassifed Manufacturers AFB0912SH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
32
http://www.deltaww.com
AFB 92 x 92 x 25.4 MM SERIES
OUTLET SIDE
INLET SIDE
mm
(INCH)
UNIT:
UNIT :
(INCH)
mm
(3.6226
0.020)
82.5
0.3
(3.248
0.012)
92.0
0.5
8- 4.5
0.3
(8- 0.177
0.012)
LABEL
310.0
10.0
(12.205
0.394)
(0.394)
10.0
(2-0.157
0.012)
(1.000
0.020)
2-4.0
0.3
25.4
0.5
VH
H
HH
L
M
SH
(M /MIN)
(CFM)
1.2
Air Flow
0.6
0
0
24.0
10.0
5.0
7.5
2.5
0.2
0.1
0
0
0.3
0.4
3
2.4
1.8
48.0
72.0
3.0
96.0
AFB0912/24X-A
15.0
12.5
0.5
0.6
82.5
88.4
(3.480)
(3.248)
(4- 0.177)
4- 4.5
82.5
88.4
(3.480)
(3.248)
(4-
0.177)
4-
4.5
AFB 92 x 92 x 25.4 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 120g (4.23 oz)
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
MODEL
Rated
Voltage
Operating
Voltage
Range
Input
Current
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
REV. FUNCTION VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0912L
-A
-R00/-F00
12
5.0 to 13.8
0.10
1.20
1800
1.055
37.25
2.05
0.080
25.0
AFB0924L
-A
-R00/-F00
24
14.0 to 26.4
0.08
1.92
AFB0912M
-A
-R00/-F00
12
5.0 to 13.8
0.12
1.44
2300
1.402
49.51
3.38
0.133
31.5
AFB0924M
-A
-R00/-F00
24
14.0 to 26.4
0.10
2.40
AFB0912H
-A
-R00/-F00
12
5.0 to 13.8
0.21
2.52
2800
1.696
59.89
4.86
0.191
37.0
AFB0924H
-A
-R00/-F00
24
14.0 to 26.4
0.12
2.88
AFB0912HH
-A
-R00/-F00
12
5.0 to 13.8
0.32
3.84
3300
2.060
72.74
6.65
0.262
42.5
AFB0924HH
-A
-R00/-F00
24
14.0 to 26.4
0.18
4.32
AFB0912VH
-A
-R00/-F00
12
5.0 to 12.6
0.40
4.80
3800
2.307
81.47
8.76
0.345
46.0
AFB0924VH
-A
-R00/-F00
24
14.0 to 26.4
0.25
6.00
AFB0912SH
-A
-R00/-F00
12
5.0 to 12.6
0.75
9.00
4800
2.905
102.59
13.35
0.526
53.0
AFB0924SH
-A
-R00/-F00
24
14.0 to 26.4
0.40
9.60
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.


Similar Part No. - AFB0912SH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0912SH DELTA-AFB0912SH Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
AFB0912SH-AF00 DELTA-AFB0912SH-AF00 Datasheet
658Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0912SH-TZUG DELTA-AFB0912SH-TZUG Datasheet
750Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results

Similar Description - AFB0912SH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB0912EHE ETC2-FFB0912EHE Datasheet
200Kb / 1P
   92 x 92 x 38 MM SERIES
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
   92 x 92 x 20 MM SERIES
PFB0924DHE ETC2-PFB0924DHE Datasheet
471Kb / 1P
   92 x 92 x 38 MM SERIES
3250J ETC2-3250J Datasheet
295Kb / 1P
   DC axial fans Series 3250 J 92 x 92 x 38 mm
3300N ETC2-3300N Datasheet
466Kb / 1P
   DC axial fans Series 3300 N 92 x 92 x 32 mm
FFB1212EH ETC2-FFB1212EH Datasheet
568Kb / 1P
   120 x 120 x 25.4 MM SERIES
logo
TAITIEN ELECTRONICS CO....
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
   25.4 x 25.4 mm Oven Controlled Crystal Oscillator
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
International Rectifier
SC070R015A5B IRF-SC070R015A5B Datasheet
215Kb / 5P
   SCHOTTKY DIE 70 X 92 MILS
logo
NTE Electronics
77-9225A120 NTE-77-9225A120 Datasheet
289Kb / 1P
   Fan, AC Types, 92 x 92mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com