Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACK220M16V5x61TR13F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NACK220M16V5x61TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK220M16V5x61TR13F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NACK220M16V5x61TR13F Datasheet HTML 1Page - NIC-Components Corp. NACK220M16V5x61TR13F Datasheet HTML 2Page - NIC-Components Corp. NACK220M16V5x61TR13F Datasheet HTML 3Page - NIC-Components Corp. NACK220M16V5x61TR13F Datasheet HTML 4Page - NIC-Components Corp. NACK220M16V5x61TR13F Datasheet HTML 5Page - NIC-Components Corp. NACK220M16V5x61TR13F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number*
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100KHz
Max. Impedance (
Ω)
+20°C/100KHz
Load Life Hours
@ +105°C
NACK680M63V8x10.5TR13F
68
63
0.08
250
0.65
2,000
NACK101M63V10x10.5TR13F
100
0.08
400
0.35
2,000
NACK151M63V12.5x14TR13F
150
0.08
800
0.16
5,000
NACK221M63V12.5x14TR13F
220
0.08
800
0.16
5,000
NACK471M63V16x17TR15F
470
0.08
1410
0.082
5,000
NACK681M63V18x17TR13F
680
0.08
1690
0.08
5,000
NACK3R3M80V5x6.1TR13F
3.3
80
0.08
25
5.0
2,000
NACK4R7M80V6.3x6.1TR13F
4.7
0.08
40
3.0
2,000
NACK100M80V6.3x8TR13F
10
0.08
60
2.4
2,000
NACK100M80V8x6.5TR13F
0.08
60
2.4
2,000
NACK220M80V8x10.5TR13F
22
0.08
130
1.3
2,000
NACK330M80V8x10.5TR13F
33
0.08
130
1.3
2,000
NACK470M80V10x10.5TR13F
47
0.08
200
0.7
2,000
NACK680M80V12.5x14TR15F
68
0.08
500
0.32
5,000
NACK101M80V12.5x14TR15F
100
0.08
500
0.32
5,000
NACK151M80V12.5x14TR15F
150
0.08
500
0.32
5,000
NACK331M80V16x17TR15F
330
0.08
793
0.17
5,000
NACK471M80V18x17TR13F
470
0.08
917
0.153
5,000
NACK220M100V8x10.5TR13F
22
100
0.07
130
1.3
2,000
NACK330M100V10x10.5TR13F
33
0.07
200
0.7
2,000
NACK470M100V12.5x14TR15F
47
0.07
500
0.32
5,000
NACK680M100V12.5x14TR15F
68
0.07
500
0.32
5,000
NACK101M100V16x17TR15F
100
0.07
793
0.17
5,000
NACK151M100V16x17TR15F
150
0.07
793
0.17
5,000
NACK221M100V18x17TR13F
220
0.07
917
0.153
5,000
NACK331M100V18x17TR13F
330
0.07
917
0.153
5,000
Surface Mount Aluminum Electrolytic Capacitors NACK Series
Frequency
60Hz
120Hz
1KHz
10KHz 100KHz
Correction
Factor
0.7
0.75
0.9
0.95
1.0
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
*See part numbering system for how to denote WT termination style
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
NACK 101 M 50V 8x10.5 TR 13 WT Y E F
RoHS Compliant
Opt. 5,000 hour (8x10.5 & 10x10.5)
Opt. WT = Wide Terminal
13 = 13" (330mm) Reel, 15 = 15" (380mm) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
Available in "Y" Control Option (for Automotive Equipment)


Similar Part No. - NACK220M16V5x61TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK220M16V5X6.1TR13T2F NIC-NACK220M16V5X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACK220M16V5x61TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com