Electronic Components Datasheet Search |
|
NACV3R3M250V8x108TR13F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NACV3R3M250V8x108TR13F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Surface Mount Aluminum Electrolytic Capacitors NACV Series FEATURES • CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNT • HIGH VOLTAGE (160VDC AND 400VDC) • 8 x10.8mm ~ 16 x17mm CASE SIZES • LONG LIFE (2000 HOURS AT +105OC) • DESIGNED FOR REFLOW SOLDERING • MEETS THE REQUIREMENTS OF AEC-Q200* *Contact NIC for supporting test data CHARACTERISTICS DIMENSIONS (mm) 0.3mm max. D φ L + - I I W P A B STANDARD PRODUCTS AND CASE SIZES (mm) Rated Voltage Range 160 200 250 400 Rated Capacitance Range 10 ~ 82 10 ~ 68 3.3 ~ 47 2.2 ~ 22 Operating Temperature Range -40 ~ +105°C Capacitance Tolerance ±20% (M) Max. Leakage Current After 2 Minutes C < 1000 μF 0.03CV + 15 μA C > 1000 μF 0.02CV + 25 μA Max. Tan δ @ 120Hz 0.20 0.20 0.20 0.25 Low Temperature Stability (Impedance Ratio @ 120Hz) Z-25°C/Z+20°C 3 3 3 6 Z-40°C/Z+20°C 6 6 6 10 High Temperature Load Life at 105°C 2,000 hrs φD > 10mm 1,000 hrs φD = 8mm Capacitance Change Within ±25% of initial measured value Tan δ Less than 200% of specified value Leakage Current Less than the specified value Cap. ( μF) Code Working Voltage 160 200 250 400 2.2 2R2 - - - 8x10.8 3.3 3R3 - - 8x10.8 10x10.8 4.7 4R7 - - 8x10.8 10x10.8 6.8 6R8 - - 8x10.8 12.5x14 10 100 8x10.8 10x10.8 10x10.8 12.5x14 22 220 12.5x14 12.5x14 12.5x14 16x17 33 330 12.5x14 12.5x14 16x17 - 47 470 16x17 16x17 16x17 - 68 680 16x17 16x17 - - 82 820 16x17 - - - Case Size D φ±0.5 L max. A±0.2 B±0.2 I±0.2 W P±0.2 8x10.8 8.0 10.8 8.3 8.3 2.9 0.7~1.0 3.2 10x10.8 10.0 10.8 10.3 10.3 3.2 1.1~1.4 4.6 12.5x14 12.5 14.0 12.8 12.8 4.5 1.1~1.4 4.6 16x17 16.0 17.0 16.3 16.3 5.0 1.8~2.1 7.0 PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com *See Part Number System for Details PN b S f D il RoHS Compliant includes all homogeneous materials NACV 100 M 200V 10x10.8 TR 13 Y F RoHS Compliant 97% Sn (min.), 3% Bi (max.) 13 = 13” (330mm) Reel, 15 = 15" (380mm) Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20% Capacitance Code in mF, first 2 digits are significant Third digit is no. of zeros, “R” indicates decimal for values under 10 μF Series PART NUMBER SYSTEM Optional: Suitable for automotive equipment, sourced to special production and inspection at TS-16949 certified production site For Automotive Equipment, see part numbering system Case Diameter Termination Material 8 ~ 12.5mm φ 97% Sn, 3% Bi 16mm 100% Sn |
Similar Part No. - NACV3R3M250V8x108TR13F |
|
Similar Description - NACV3R3M250V8x108TR13F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |