Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACV330M200V125x14TR15F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACV330M200V125x14TR15F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACV330M200V125x14TR15F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACV330M200V125x14TR15F Datasheet HTML 1Page - NIC-Components Corp. NACV330M200V125x14TR15F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +105°C
NACV100M160V8x10.8TR13F
10
160
0.20
57
33.2
1,000
NACV220M160V12.5x14TR15F
22
0.20
112
15.1
2,000
NACV330M160V12.5x14TR15F
33
0.20
137
10.1
2,000
NACV470M160V16x17TR15F
47
0.20
180
7.1
2,000
NACV680M160V16x17TR15F
68
0.20
215
4.9
2,000
NACV820M160V16x17TR15F
82
0.20
235
4.0
2,000
NACV100M200V10x10.8TR13F
10
200
0.20
64
33.2
2,000
NACV220M200V12.5x14TR15F
22
0.20
112
15.1
2,000
NACV330M200V12.5x14TR15F
33
0.20
137
10.1
2,000
NACV470M200V16x17TR15F
47
0.20
180
7.1
2,000
NACV680M200V16x17TR15F
68
0.20
215
4.9
2,000
NACV3R3M250V8x10.8TR13F
3.3
250
0.20
31
100.5
1,000
NACV4R7M250V8x10.8TR13F
4.7
0.20
37
70.6
1,000
NACV6R8M250V8x10.8TR13F
6.8
0.20
44
48.8
1,000
NACV100M250V10x10.8TR13F
10
0.20
64
33.2
2,000
NACV220M250V12.5x14TR15F
22
0.20
112
15.1
2,000
NACV330M250V16x17TR15F
33
0.20
150
10.1
2,000
NACV470M250V16x17TR15F
47
0.20
180
7.1
2,000
NACV2R2M400V8x10.8TR13F
2.2
400
0.25
25
188.5
1,000
NACV3R3M400V10x10.8TR13F
3.3
0.25
36
125.7
2,000
NACV4R7M400V10x10.8TR13F
4.7
0.25
38
88.2
2,000
NACV6R8M400V12.5x14TR15F
6.8
0.25
47
61.0
2,000
NACV100M400V12.5x14TR15F
10
0.25
57
41.5
2,000
NACV220M400V16x17TR15F
22
0.25
115
18.8
2,000
Surface Mount Aluminum Electrolytic Capacitors NACV Series
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment, see part number system


Similar Part No. - NACV330M200V125x14TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACV330M200V12.5X14TR13F NIC-NACV330M200V12.5X14TR13F Datasheet
99Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACV330M200V125x14TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com