Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM2S1030 Datasheet(PDF) 2 Page - Clare, Inc.

Part # UM2S1030
Description  Ultra-Mini Dyad
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

UM2S1030 Datasheet(HTML) 2 Page - Clare, Inc.

  UM2S1030 Datasheet HTML 1Page - Clare, Inc. UM2S1030 Datasheet HTML 2Page - Clare, Inc. UM2S1030 Datasheet HTML 3Page - Clare, Inc. UM2S1030 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
UM2
Rev. 2
Specifications
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for extended period may degrade the device and effect
its reliability.
Ratings (@ 25˚ C)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Contact Ratings
Switching Voltage
Max DC/Peak AC Resist
VL
-
-
175
Volts
Switching Current
Max DC/Peak AC Resist
IL
-
-
0.25
Amps
Carry Current
Max DC/Peak AC Resist
IC
-
-
0.50
Amps
Contact Rating
Max DC/Peak AC Resist
-
-
-
5
VAs
Static Contact Resistance
100mV, 20mA
CR
-
.120
0.30
Contact Material
-
-
Ru
-
-
Electrical Ratings
Operate Sensitivity
Full Blade Tolerance =
±1.5 NI
-
10
-
30
NI
Release Sensitivity
Full Blade Tolerance =
±1.5 NI
-
5
-
30
NI
Insulation Resistance
Between all isolated pins at 100V,
IR
109
1011
-W
25˚C, 40%RH
Capacitance Across Open Contacts
-
-
0.3
-
pF
Dielectric Strength
Between Contacts
-
200
-
-
VDC/peak AC
Operate Time,
At Nominal coil voltage,
TOP
-
0.4
-
msec.
including bounce
30 Hz Square Wave
Release Time
Zener-Diode Suppression
TREL
-
0.1
-
msec.
Environmental Ratings
Operating Temperature
TO
-40
-
125
˚C
Storage Temperature
TA
-40
-
125
˚C
Soldering Temperature
-
-
-
260
˚C
Vibration Resistance
10Hz-1000Hz
G
-
-
20
Gs
Shock Resistance
11
±1ms, 1/
2 Sine Wave
S
-
-
30
Gs
Parameter
Min
Typ Max Units
Switching Voltage
175
Volts
Switching Current
0.25 Amps
Carry Current
0.50 Amps
Switching Fequency
500
Hz
Contact Resistance
300
m
1 Derate Linearly 1.33 mw / oC
2 Derate Linearly 3.67 mw / oC
Ultra-Mini Dyad
2


Similar Part No. - UM2S1030

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
UM200 EXTECH-UM200 Datasheet
169Kb / 1P
   High Resolution Micro-Ohm Meter
logo
Union Semiconductor, In...
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
UM2002S8 UNIONSEMI-UM2002S8 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
UM2002S8 UNIONSEMI-UM2002S8 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - UM2S1030

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CM5 COTO-CM5 Datasheet
597Kb / 3P
   Molded Ultra-Mini DYAD
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
316Kb / 4P
   Molded Ultra-Mini DYAD?
MN2 CLARE-MN2 Datasheet
404Kb / 5P
   Mini-Dyad
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
FR2 CLARE-FR2 Datasheet
446Kb / 5P
   Dyad
CM15 CLARE-CM15 Datasheet
318Kb / 4P
   Molded DYAD
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
   Overmolded DYAD
logo
Mitsumi Electronics, Co...
IAM-G41 MITSUMI-IAM-G41 Datasheet
79Kb / 2P
   Ultra Mini Serial Connectors
logo
Advantech Co., Ltd.
AIMB-B1000 ADVANTECH-AIMB-B1000 Datasheet
850Kb / 2P
   Ultra Thin Embedded Mini-ITX Box
logo
SUYIN USA, INC.
030234FB SUYIN-USA-030234FB Datasheet
133Kb / 1P
   ULTRA THIN MINI DIN SMD TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com