Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225P10591YD3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 225P10591YD3
Description  Type 225P, Orange Drop, Polyester Film/Foil Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

225P10591YD3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  225P10591YD3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 225P10591YD3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 225P10591YD3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 225P10591YD3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 225P10591YD3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 225P10591YD3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 225P10591YD3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 225P10591YD3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ordering/Part Number information
Standard Marking Format
Sample Marking
on unit
CDE225P100V
104K 9810
Description
CDE - CDE Electronics identification
225P - Type number
100V - D-C Voltage rating, Volts
104K - Capacitance and tolerance code
9810 - Weekly date code
(i.e. 10th week of 1998)
Tolerance codes
per EIA Standards
J
±5%
K
±10%
M
±20%
225P
104
9
1
W
D
3
(XXXX)
A suffix may be added by
the factory to denote special
construction.
Lead Length
1 = 0.187 (4.7) ± 0.030 (0.8)
2 = 0.250 (6.4) ± 0.030 (0.8)
3 = 1.250 (32) Minimum
Custom lead lengths available upon request.
Terminal
A = Straight Lead
B,F = Hairpin Crimp
D,G,H = Hockey Stick Crimp
Case Code
See Standard Sizes/Ratings Table
D-C Voltage Rating
Expressed in Hundreds of Volts
Capacitance Tolerance
0 = ±20%; 9 = ±10%; 5 = ±5%
Capacitance
Expressed in Picofarads. The first two digits are the significant figures,
the third is the number of zeros following, (i.e. 104 = 100000 pF = . 1 µF)
CDE Type Number
Identifies the basic capacitor design.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P10591YD3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P10591Y ETC1-225P10591Y Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
225P10591Y CDE-225P10591Y Datasheet
318Kb / 8P
   Radial-lead. Pressed profile
More results

Similar Description - 225P10591YD3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P10491WD3 ETC1-225P10491WD3 Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
List of Unclassifed Man...
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com