Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP2311V8 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTP2311V8
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP2311V8 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

  MTP2311V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTP2311V8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Spec. No. : C733V8
Issued Date : 2013.06.24
Revised Date :
Page No. : 9/9
CYStech Electronics Corp.
MTP2311V8
CYStek Product Specification
DFN3×3 Dimension
Marking:
Date
Code
S
S
S
G
D D
D D
2311
8-Lead DFN3×3 Plastic Package
CYStek Package Code: V8
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0276
0.0354
0.70
0.90
E
0.1181
0.1260
3.00
3.20
A1
0.0000
0.0197
0.00
0.50
E1
0.0531
0.0610
1.35
1.55
b
0.0094
0.0138
0.24
0.35
e
0.0256 BSC
0.65 BSC
c
0.0039
0.0079
0.10
0.20
H
0.1260
0.1339
3.20
3.40
D
0.1280
0.1339
3.25
3.40
L
0.0118
0.0197
0.30
0.50
D1
0.1201
0.1280
3.05
3.25
L1
0.0039
0.0079
0.10
0.20
D2
0.0945
0.1024
2.40
2.60
L2
0.0445 REF
1.13 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTP2311V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP2311AV8 CYSTEKEC-MTP2311AV8 Datasheet
442Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTP2311AV8-0-T6-G CYSTEKEC-MTP2311AV8-0-T6-G Datasheet
442Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
MTP2311N3 CYSTEKEC-MTP2311N3 Datasheet
314Kb / 8P
   -60V P-CHANNEL Enhancement Mode MOSFET
More results

Similar Description - MTP2311V8

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com