Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-24 Datasheet(PDF) 7 Page - Clare, Inc.

Part # TG-24
Description  HIGH ENERGY SPARK GAP DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-24 Datasheet(HTML) 7 Page - Clare, Inc.

  TG-24 Datasheet HTML 1Page - Clare, Inc. TG-24 Datasheet HTML 2Page - Clare, Inc. TG-24 Datasheet HTML 3Page - Clare, Inc. TG-24 Datasheet HTML 4Page - Clare, Inc. TG-24 Datasheet HTML 5Page - Clare, Inc. TG-24 Datasheet HTML 6Page - Clare, Inc. TG-24 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
570
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
HIGH ENERGY SPARK GAP DEVICES
Three Electrode High-Energy Spark Gaps
MECHANICAL DIMENSIONS
A DIA.
B
#6 – 32 THREAD
0.79
± 0.16
(0.313
± 0.063)
C
TG LEGACY – 1A
A
C
B
TG LEGACY 1-B
A
C
B
TG LEGACY 1-D
16.67
± 0.79 DIA.
(0.656
± 0.031)
25.40
± 1.59
(1.000
± 0.063)
1.59 DIA. TYP.
(0.063)
12.70
± 1.59
(0.500
± 0.063)
11.11 MAX.
(0.438)
TG LEGACY II
A
4.76
± 1.59
(0.188
± 0.063)
33.35
± 1.59 DIA.
(1.313
± 0.063)
A
B
1.90
(0.075)
1.90
(0.075)
2.22
± 0.03 DIA. MAX.
(0.875
± 0.010)
2.22
± 0.03 DIA. MAX.
(0.875
± 0.010)
13.97 DIA. MAX.
(0.550)
TG LEGACY – OUTLINE III
C
4.76
(0.188)
2.54
(0.100)
0.76 NOM.
(0.030)
6.17
± 0.25 DIA.
(0.243
± 0.010)
DIMENSIONS
mm
(inches)


Similar Part No. - TG-24

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-222 CLARE-TG-222 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-224 CLARE-TG-224 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-225 CLARE-TG-225 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-226 CLARE-TG-226 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
More results

Similar Description - TG-24

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com