Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTNK5S3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTNK5S3
Description  ESD protected N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTNK5S3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTNK5S3 Datasheet HTML 1Page - Cystech Electonics Corp. MTNK5S3 Datasheet HTML 2Page - Cystech Electonics Corp. MTNK5S3 Datasheet HTML 3Page - Cystech Electonics Corp. MTNK5S3 Datasheet HTML 4Page - Cystech Electonics Corp. MTNK5S3 Datasheet HTML 5Page - Cystech Electonics Corp. MTNK5S3 Datasheet HTML 6Page - Cystech Electonics Corp. MTNK5S3 Datasheet HTML 7Page - Cystech Electonics Corp. MTNK5S3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C800S3
Issued Date : 2010.07.19
Revised Date : 2013.09.09
Page No. : 4/8
MTNK5S3
CYStek Product Specification
Typical Characteristics(Cont.)
Static Drain-Source On-State Resistance vs Drain Current
1
10
100
1
10
100
1000
Drain Current---ID(mA)
Ta=25°C
Ta=125°C
Ta=75°C
VGS=2.5V
Static Drain-Source On-State Resistance vs Drain Current
1
10
1
10
100
1000
Drain Current---ID(mA)
Ta=25°C
Ta=125°C
Ta=75°C
VGS=4V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
1
2
3
4
5
6
7
8
9
10
02468
10
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
1
2
3
4
5
6
7
8
9
10
02
4
68
1
Gate-Source Voltage---VGS(V)
Gate-Source Voltage---VGS(V)
ID=50mA
TA=75°C
TA=125°C
TA=25°C
0
TA=25°C
ID=100mA
TA=125°C
TA=75°C
Reverse Drain Current vs Source-Drain Voltage(I)
0.1
1
10
100
1000
00.5
11.5
Reverse Drain Current vs Source-Drain Voltage(II)
0.1
1
10
100
1000
00.511
Source-Drain Voltage-VSD(V)
Source-Drain Voltage-VSD(V)
TA=25°C
TA=75°C
.5
VGS=0V
VGS=4V
TA=125°C


Similar Part No. - MTNK5S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK5C3 CYSTEKEC-MTNK5C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTNK5N3 CYSTEKEC-MTNK5N3 Datasheet
326Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
MTNK5N3 VBSEMI-MTNK5N3 Datasheet
487Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - MTNK5S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK5C3 CYSTEKEC-MTNK5C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTNK5N3 CYSTEKEC-MTNK5N3 Datasheet
326Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
2SK3018S3 CYSTEKEC-2SK3018S3 Datasheet
324Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
2SK3019C3 CYSTEKEC-2SK3019C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
2SK3541Y3 CYSTEKEC-2SK3541Y3 Datasheet
351Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTN1012ZC3 CYSTEKEC-MTN1012ZC3 Datasheet
719Kb / 7P
   ESD protected N-CHANNEL Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
BSS138 PANJIT-BSS138 Datasheet
114Kb / 5P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com