Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTNK2N3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTNK2N3
Description  N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTNK2N3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTNK2N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTNK2N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTNK2N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTNK2N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTNK2N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTNK2N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTNK2N3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C403N3
Issued Date : 2006.05.22
Revised Date :2011.12.13
Page No. : 2/7
MTNK2N3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
TA=25
°C@VGS=10V
640
mA
Continuous Drain Current
TA=70
°C@VGS=10V
ID
500
mA
Pulsed Drain Current *1, 2
IDM
950
*1
mA
Total Power Dissipation
PD
1.38
*2
W
Linear Derating Factor
0.01
W/
°C
Thermal Resistance, Junction to Ambient
Rth,j-a
90
*2
°C/W
ESD susceptibility
1000
*3
V
Operating Junction Temperature Range
TJ
-55~+150
°C
Storage Temperature Range
Tstg
-55~+150
°C
Note : *1. Pulse Width
≤ 300μs, Duty cycle ≤2%
*2. When the device is mounted on 1in² copper pad of FR-4 board; 270
°C/W when mounted on minimum copper pad.
*3. Human body model, 1.5kΩ in series with 100pF
Electrical Characteristics
(Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVDSS*
60
-
-
V
VGS=0, ID=250μA
BVDSS/ΔTj
-
0.05
-
V/℃
Reference to 25℃, ID=1mA
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±10
μA
VGS=±20V, VDS=0
-
-
1
VDS=60V, VGS=0
IDSS
-
-
100
μA
VDS=48V, VGS=0, Tj=70℃
-
1.6
2
ID=200mA, VGS=4.5V
-
1.23
5
ID=100mA, VGS=10V
RDS(ON)*
-
1.26
4
Ω
ID=500mA, VGS=10V
VSD
-
-
1.2
V
IS=1.2A, VGS=0V
GFS
-
600
-
mS
VDS=10V, ID=600mA
Ciss
-
62
80
Coss
-
17.6
-
Crss
-
9
-
pF
VDS=25V, VGS=0, f=1MHz
Qg
-
1
-
Qgs
-
0.5
-
Qgd
-
0.5
-
nC
ID=600mA, VDS=50V, VGS=4.5V
td(on)
-
12
-
tr
-
10
-
td(off)
-
56
-
tf
-
29
-
ns
VDS=30V, ID=600mA, RG=3.3Ω, VGS=10V,
RD=52Ω
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTNK2N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK2S3 CYSTEKEC-MTNK2S3 Datasheet
276Kb / 7P
   N-CHANNEL MOSFET
More results

Similar Description - MTNK2N3

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com