Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520W337M2R5A1E015 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T520W337M2R5A1E015
Description  KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520W337M2R5A1E015 Datasheet(HTML) 4 Page - Kemet Corporation

  T520W337M2R5A1E015 Datasheet HTML 1Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 2Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 3Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 4Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 5Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 6Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 7Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 8Page - Kemet Corporation T520W337M2R5A1E015 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 12/4/2013
44
KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum
Electrical Characteristics
1
10
100
1000
100
1,000
10,000
100,000
1,000,000 10,000,000
Frequency (Hz)
T520B157M006ATE035
T520C227M006ATE025
T520V337M006ATE015
T520D337M006ATE009
Capacitance vs. Frequency
ESR vs. Frequency
0.001
0.01
0.1
1
10
100
100
1,000
10,000
100,000 1,000,000
10,000,000
Frequency (Hz)
T520B157M006ATE035_Imp
T520C227M006ATE025_Imp
T520V337M006ATE015_Imp
T520D337M006ATE009_Imp
T520B157M006ATE035_ESR
T520C227M006ATE025_ESR
T520V337M006ATE015_ESR
T520D337M006ATE009_ESR
Dimensions – Millimeters (Inches)
Metric will govern
15
Termination
cutout at
KEMET’s
option,
either end
Case Size
Component
KEMET
EIA
L*
W*
H*
F* ±0.1
±(0.004)
S* ±0.3
±(0.012)
B* ±0.15
(Ref) ±0.006 X (Ref)
P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
A
3216–18
3.2 ±0.2
(0.126 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008) 1.2 (.047) 0.8 (.031)
0.4 (.016)
0.10 ± 0.10
(.004 ± .004)
0.4 (.016)
0.4 (.016) 0.13 (.005) 0.8 (.31) 1.1 (.043) 1.3 (.051)
B
3528–21
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.9 ± 0.1
(0.075 ±0.004) 2.2 (.087) 0.8 (.031)
0.4 (.016)
0.10 ± 0.10
(.004 ± .004) 0.5 (.020)
1.0 (.039) 0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087)
C
6032–28
6.0 ±0.3
(0.236 ±0.03)
3.2 ±0.3
(0.126 ±0.012)
2.5 ±0.3
(0.098 ±0.012) 2.2 (.087) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
D
7343–31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
H
7360–20
7.3 ±0.3
(0.287 ±0.012)
6.0±0.3
(0.236 ±0.012)
2.0 (0.078)
Maximum
4.1 (.161) 1.3 (.051)
n/a
0.10 ± 0.10
(.004 ± .004)
n/a
n/a
0.13 (.005) 3.3 (.130) 3.5 (.138) 3.5 (.138)
L
6032–19
6.0 ±0.3
(0.236 ±0.012)
3.2 ±0.2
(0.110 ±0.008) 1.9 (0.075)
2.2 (.087) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
M
3528–15
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008) 1.5 (0.059)
2.2 (.087) 0.8 (.031)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087)
Q
7343-12
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.2 (0.047)
Maximum
2.4 (.094) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
T
3528–12
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008) 1.2 (0.047)
2.2 (.087) 0.8 (.031)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087)
U
6032–15
6.0 ±0.3
(0.236 ±0.012)
3.2 ±0.2
(0.110 ±0.008) 1.5 (0.059)
2.2 (.087) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
V
7343–19
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012) 1.9 (0.075)
2.4 (.094) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
W
7343–15
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012) 1.5 (0.059)
2.4 (.094) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
X
7343–43
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
4.0 ±0.3
(0.157 ±0.012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004)
1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
Y
7343–40
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012) 4.0 (0.157)
2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004)
1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
Notes: (Ref) – Dimensions provided for reference only. No dimensions are provided for B, P or R because low profile cases do not have a bevel or a notch.
* MIL–PRF–55365/8 specified dimensions


Similar Part No. - T520W337M2R5A1E015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520W337M2R5AE015 KEMET-T520W337M2R5AE015 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520W337M2R5AE015 KEMET-T520W337M2R5AE015 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520W337M2R5AE025 KEMET-T520W337M2R5AE025 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520W337M2R5AE040 KEMET-T520W337M2R5AE040 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520W337M2R5ATE015 KEMET-T520W337M2R5ATE015 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 15mOhms, 1.5mm
More results

Similar Description - T520W337M2R5A1E015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T530X687M006ATE018 KEMET-T530X687M006ATE018 Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com