Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520A686M2R5A1E080 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T520A686M2R5A1E080
Description  KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520A686M2R5A1E080 Datasheet(HTML) 2 Page - Kemet Corporation

  T520A686M2R5A1E080 Datasheet HTML 1Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 2Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 3Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 4Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 5Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 6Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 7Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 8Page - Kemet Corporation T520A686M2R5A1E080 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 12/4/2013
22
KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum
SPICE
Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICEsoftware.
The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over
frequency, temperature, ripple, and DC bias conditions.
Ordering Information
T
520
V
157
M
006
A
T
E045
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
ESR Code
Packaging
(C-Spec)
T =
Tantalum
520 =
Polymer
A, B, C, D, H,
L, M, Q, T, U,
V, W, X, Y
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
008 = 8 V
010 = 10 V
011 = 11 V
12R = 12.5 V
016 = 16 V
020 = 20 V
025 = 25 V
A = N/A
T = 100% Matte
Tin (Sn) Plated
H = Tin/Lead
(SnPb) Solder
Coated (5% Pb
minimum)
E = ESR
Last three digits
specify ESR in
mΩ.(045=45
mΩ)
Blank = 7"
Reel 7280 =
13" Reel
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
-55°C to 105°C
Rated Capacitance Range
10 – 1,500 µF @ 120 Hz/25°C
Capacitance Tolerance
M Tolerance (20%)
Rated Voltage Range
2.5 – 25 V
DF (120 Hz)
≤10%
ESR (100 kHz)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
≤0.1CV(μA) at rated voltage after 5 minutes


Similar Part No. - T520A686M2R5A1E080

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520A686M2R5A KEMET-T520A686M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520A686M2R5A KEMET-T520A686M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520A686M2R5A KEMET-T520A686M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520A686M2R5A KEMET-T520A686M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520A686M2R5A KEMET-T520A686M2R5A Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
More results

Similar Description - T520A686M2R5A1E080

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T530X687M006ATE018 KEMET-T530X687M006ATE018 Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com