Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520T566M2R5A1E070 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520T566M2R5A1E070
Description  KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520T566M2R5A1E070 Datasheet(HTML) 1 Page - Kemet Corporation

  T520T566M2R5A1E070 Datasheet HTML 1Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 2Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 3Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 4Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 5Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 6Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 7Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 8Page - Kemet Corporation T520T566M2R5A1E070 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 12/4/2013
1
One world. One KEMET
Benefits
• Extremely low ESR
• -55°C to 105°C operating temperature range
• Polymer cathode technology
• High frequency capacitance retention
• Non-ignition failure mode
• Capacitance up to 1,500 µF
• 100% accelerated steady state aging
• 100% surge current tested
• Taped and reeled per EIA 481–1
• Volumetricefficiency
• Self-healing mechanism
• EIA standard case sizes
Applications
Typical applications include DC/DC converters, notebook PCs,
portable electronics, telecommunications (mobile phone and base
station), displays, SSD, HDD and USB.
Overview
The KEMET Organic Capacitor (KO-CAP) is a tantalum
capacitor with a Ta anode and Ta
2O5 dielectric. A conductive
organic polymer replaces the traditionally used MnO
2 as the
cathode plate of the capacitor. This results in very low ESR and
improved capacitance retention at high frequency. The KO-
CAP also exhibits a benign failure mode which eliminates the
ignition failures that can occur in standard MnO
2 tantalum types.
KO-CAPs may also be operated at steady state voltages up to
90%ofratedvoltageforparttypeswithratedvoltagesof≤10
volts and up to 80% of rated voltage for part types > 10 volts
with equivalent or better reliability than traditional MnO
2 tantalum
capacitors operated at 50% of rated voltage.
The T520 Series KO-CAP Low ESR Polymer captures the
best features of multilayer ceramic (low ESR, high frequency
capacitance retention), aluminum electrolytic (higher capacitance,
benign failure mode), and proven solid tantalum technology
(volumetricefficiency,surfacemountcapability,extremelylong
life). The T520 can reduce component counts, eliminate through-
hole assembly by replacing cumbersome leaded aluminum
capacitors, and offer a cost-effective and space-saving solution.
KEMET Organic Capacitor (KO-CAP)
T520 Series Polymer Tantalum
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder.


Similar Part No. - T520T566M2R5A1E070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520T566M2R5A KEMET-T520T566M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520T566M2R5A KEMET-T520T566M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520T566M2R5A KEMET-T520T566M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520T566M2R5A KEMET-T520T566M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520T566M2R5A KEMET-T520T566M2R5A Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
More results

Similar Description - T520T566M2R5A1E070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T530X687M006ATE018 KEMET-T530X687M006ATE018 Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com