Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC354N1TJ00 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC354N1TJ00
Description  Mini-flat Package, AC Input Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC354N1TJ00 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC354N1TJ00 Datasheet HTML 3Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 4Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 5Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 6Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 7Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 8Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 9Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 10Page - Sharp Corporation PC354N1TJ00 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sheet No.: D2-A00602EN
Fig.11 Collector Dark Current vs. Ambient
Temperature
0.01
0.1
1
10
10
0.1
1
100
VCE
=2V
IC
=2mA
Ta
=25˚C
ts
td
tf
tr
Load resistance RL (k
Ω)
Fig.12 Response Time vs. Load Resistance
50
0
−30
100
020
150
100
40
80
60
Ambient temperature Ta (˚C)
IF
=5mA
VCE
=5V
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
60
80
40
0.16
20
0
100
−30
0
0.14
0.12
0.08
0.1
0.06
0.04
0.02
Ambient temperature Ta (˚C)
IF
=20mA
IC
=1mA
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
10
20
0
30
40
50
20mA
10mA
5mA
1mA
Collector-emitter voltage VCE (V)
Ta
=25˚C
IF
=30mA
PC (MAX.)
0123456789
10
Fig.8 Collector Current vs. Collector-emitter
Voltage
0
300
200
100
400
500
0.1
1
10
100
Forward current IF (mA)
VCE
=5V
Ta
=25˚C
Fig.7 Current Transfer Ratio vs. Forward
Current
PC354NJ0000F Series
Ambient temperature Ta (˚C)
80
60
40
20
0
−30
100
10
−5
10
−6
10
−7
10
−8
10
−9
10
−10
10
−11
VCE
=50V


Similar Part No. - PC354N1TJ00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
More results

Similar Description - PC354N1TJ00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
   Mini-flat Package, AC Input Type Photocoupler
PC3H4J00000F SHARP-PC3H4J00000F Datasheet
211Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC314 SHARP-PC314 Datasheet
154Kb / 4P
   OPAQUE MINI-FLAT PACKAGE, AC INPUT TYPE PHOTOCOUPLER
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com