Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTH16N50D2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH16N50D2
Description  Depletion Mode MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH16N50D2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH16N50D2 Datasheet HTML 1Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 2Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 3Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 4Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH16N50D2
IXTT16N50D2
Fig. 7. Normalized RDS(on) vs. Junction Temperature
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 0V
I D = 8A
Fig. 8. RDS(on) Normalized to ID = 8A Value
vs. Drain Current
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
40
45
50
ID - Amperes
VGS = 0V
5V - - - -
TJ = 125ºC
TJ = 25ºC
Fig. 9. Input Admittance
0
10
20
30
40
50
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
VDS = 30V
Fig. 10. Transconductance
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
ID - Amperes
TJ = - 40ºC, 25ºC, 125ºC
VDS = 30V
Fig. 12. Forward Voltage Drop of Intrinsic Diode
0
5
10
15
20
25
30
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 125ºC
VGS = -10V
TJ = 25ºC
Fig. 11. Breakdown and Threshold Voltages
vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSX @ VGS = - 5V


Similar Part No. - IXTH16N50D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH16N50D2 IXYS-IXTH16N50D2 Datasheet
165Kb / 6P
   N-Channel MOSFET
IXTH16N50D2 IXYS-IXTH16N50D2_17 Datasheet
165Kb / 6P
   N-Channel MOSFET
More results

Similar Description - IXTH16N50D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP3N100D2 IXYS-IXTP3N100D2 Datasheet
167Kb / 5P
   Depletion Mode MOSFETs
logo
Zhaoxingwei Electronics...
LND150N8-G ZHAOXINGWEI-LND150N8-G Datasheet
3Mb / 5P
   N- Channel Depletion Mode MOSFETS
logo
Dongguan Pingjingsemi T...
PJM60H12MNSA PJSEMI-PJM60H12MNSA Datasheet
1Mb / 6P
   N- Channel Depletion mode MOSFETS
Revision-1.0 Oct-2018
logo
IXYS Corporation
AN-500 IXYS-AN-500 Datasheet
190Kb / 10P
   Depletion-Mode Power MOSFETs and Applications
IXTA6N50D2 IXYS-IXTA6N50D2 Datasheet
193Kb / 5P
   Depletion Mode MOSFET
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
   Depletion-Mode FET
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
   Depletion-Mode FET
CPC3708 IXYS-CPC3708 Datasheet
131Kb / 6P
   Depletion Mode FET
IXTY1R6N100D2 IXYS-IXTY1R6N100D2 Datasheet
184Kb / 5P
   Depletion Mode MOSFET
CPC3730 IXYS-CPC3730 Datasheet
124Kb / 5P
   Depletion-Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com