Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8118 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8118
Description  3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8118 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8118 Datasheet HTML 7Page - Intersil Corporation ISL8118 Datasheet HTML 8Page - Intersil Corporation ISL8118 Datasheet HTML 9Page - Intersil Corporation ISL8118 Datasheet HTML 10Page - Intersil Corporation ISL8118 Datasheet HTML 11Page - Intersil Corporation ISL8118 Datasheet HTML 12Page - Intersil Corporation ISL8118 Datasheet HTML 13Page - Intersil Corporation ISL8118 Datasheet HTML 14Page - Intersil Corporation ISL8118 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN6325.2
November 29, 2012
OV/UV/PGOOD comparators. The VDIFF pin should be
connected to the FB pin by a standard feedback network. In
the event that the remote sense buffer is disabled, the VDIFF
pin should be connected to VOUT by a resistor divider along
with FB’s compensation network. An RC filter should be used
if VDIFF is to be connected directly to FB instead of to VOUT
through a separate resistor divider network.
GND (Bottom Side Pad, Analog Ground)
Signal ground for the IC. All voltage levels are measured
with respect to this pin. This pin should not be left floating.
Functional Description
Initialization
The ISL8118 automatically initializes upon receipt of power
without requiring any special sequencing of the input
supplies. The Power-On Reset (POR) function continually
monitors the input supply voltages (PVCC,VFF, VCC) and
the voltage at the EN pin. Assuming the EN pin is pulled to
above ~0.50V, the POR function initiates soft-start operation
after all input supplies exceed their POR thresholds.
With all input supplies above their POR thresholds, driving
the EN pin above 0.50V initiates a soft-start cycle. In addition
to normal TTL logic, the enable pin can be used as a voltage
monitor with programmable hysteresis through the use of the
internal 10mA sink current and an external resistor divider.
This feature is especially designed for applications that have
input rails greater than a 3.3V and require specific input rail
POR and Hysteresis levels for better undervoltage
protection. Consider for a 12V application choosing
RUP = 100k
Ω and RDOWN = 5.76kΩ there by setting the
rising threshold (VEN_RTH) to 10V and the falling threshold
(VEN_FTH) to 9V, for 1V of hysteresis (VEN_HYS). Care
should be taken to prevent the voltage at the EN pin from
exceeding VCC when using the programmable UVLO
functionality.
Soft-start
The POR function activates the internal 38µA OTA which
begins charging the external capacitor (CSS) on the SS pin to a
target voltage of VCC. The ISL8118’s soft-start logic continues
to charge the SS pin until the voltage on COMP exceeds the
bottom of the oscillator ramp, at which point, the driver outputs
are enabled, with the bottom side MOSFET first being held low
for 200ns to provide for charging of the bootstrap capacitor.
Once the driver outputs are enabled, the OTA’s target voltage is
then changed to the margined (if margining is being used)
reference voltage (VREF_MARG), and the SS pin is ramped up
or down accordingly. This method reduces start-up surge
currents due to a pre-charged output by inhibiting regulator
switching until the control loop enters its linear region. By
ramping the positive input of the error amplifier to VCC and
then to VREF_MARG, it is even possible to mitigate surge
currents from outputs that are pre-charged above the set output
voltage. As the SS pin connects directly to the non-inverting
input of the Error Amplifier, noise on this pin should be kept to a
minimum through careful routing and part placement. To
prevent noise injection into the error amplifier, the SS capacitor
should be located within 150 mils of the SS and GND pins.
Soft-start is declared done when the drivers have been enabled
and the SS pin is within ±3mV of VREF_MARG.
Power Good
The power good comparator references the voltage on the
soft-start pin to prevent accidental tripping during margining.
The trip points are shown on Figure 3. Additionally, power
good will not be asserted until after the completion of the
soft-start cycle. A 0.1µF capacitor at the PGDLY pin will add
an additional ~7.1ms delay to the assertion of power good.
PGDLY does not delay the deassertion of power good.
VCC POR
PVCC POR
VFF POR
EN POR
SOFT-START
HIGH = ABOVE POR; LOW = BELOW POR
AND
FIGURE 1. SOFT-START INITIALIZATION LOGIC
VREF
IEN_HYS = 10µA
RUP
RDOWN
VIN
R
UP
V
EN_HYS
I
EN_HYS
--------------------------
=
R
DOWN
R
UP
V
EN_REF
V
EN_FTH
V
EN_REF
---------------------------------------------------------
=
V
EN_FTH
V
EN_RTH
V
EN_HYS
=
Sys_Enable
FIGURE 2. ENABLE POR CIRCUIT
ISL8118


Similar Part No. - ISL8118

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8118 INTERSIL-ISL8118 Datasheet
486Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118 INTERSIL-ISL8118 Datasheet
431Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118 RENESAS-ISL8118 Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Intersil Corporation
ISL8118CRZ INTERSIL-ISL8118CRZ Datasheet
486Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118CRZ INTERSIL-ISL8118CRZ Datasheet
431Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
More results

Similar Description - ISL8118

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8118 INTERSIL-ISL8118 Datasheet
431Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118 INTERSIL-ISL8118 Datasheet
486Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118 RENESAS-ISL8118 Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Intersil Corporation
ISL8121 INTERSIL-ISL8121 Datasheet
651Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
ISL8121 INTERSIL-ISL8121 Datasheet
609Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8121 RENESAS-ISL8121 Datasheet
1Mb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Intersil Corporation
ISL8106 INTERSIL-ISL8106 Datasheet
549Kb / 15P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8106 RENESAS-ISL8106 Datasheet
994Kb / 16P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com