Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ44ESTRLPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFZ44ESTRLPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44ESTRLPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFZ44ESTRLPBF Datasheet HTML 2Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 3Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 4Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 5Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 6Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 7Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 8Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 9Page - International Rectifier IRFZ44ESTRLPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFZ44ES/LPbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
100
200
300
400
500
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
12A
21A
29A


Similar Part No. - IRFZ44ESTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44ES IRF-IRFZ44ES Datasheet
163Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
IRFZ44ES IRF-IRFZ44ES Datasheet
174Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRFZ44ES ISC-IRFZ44ES Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFZ44ESL IRF-IRFZ44ESL Datasheet
174Kb / 11P
   Advanced Process Technology
IRFZ44ESPBF IRF-IRFZ44ESPBF Datasheet
230Kb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRFZ44ESTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com