Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLB150S Datasheet(PDF) 1 Page - Clare, Inc.

Part # PLB150S
Description  SINGLE POLE OptoMOS Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLB150S Datasheet(HTML) 1 Page - Clare, Inc.

  PLB150S Datasheet HTML 1Page - Clare, Inc. PLB150S Datasheet HTML 2Page - Clare, Inc. PLB150S Datasheet HTML 3Page - Clare, Inc. PLB150S Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.clare.com
PLB150
DS-PLB150-R3
SINGLE POLE OptoMOS® Relay
Applications
Features
Description
Approvals
Ordering Information
PLB150
Units
Load Voltage
250
V
Load Current
250
mA
Max R
ON
7
Pin Configuration
PLB150 is a 250V, 250mA, 7
Ω 1-Form-B relay. This per-
formance leader provides high peak load current handling
capability and very low on-resistance in a normally closed
OptoMOS relay.
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
BS EN 41003:1993
Certificate #:7344
Small 6 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
PLB150 Pinout
Part #
Description
PLB150
6 Pin DIP (50/Tube)
PLB150S
6 Pin Surface Mount (50/Tube)
PLB150STR
6 Pin Surface Mount (1000/Reel)
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
PLB150 Pinout


Similar Part No. - PLB150S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLB150S IXYS-PLB150S Datasheet
105Kb / 5P
   Single Pole, Normally Closed OptoMOS Relay
PLB150STR IXYS-PLB150STR Datasheet
105Kb / 5P
   Single Pole, Normally Closed OptoMOS Relay
More results

Similar Description - PLB150S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com