Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7E-01DGN2-B Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # M7E-01DGN2-B
Description  New Models with Blanking Function Added to the Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-01DGN2-B Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button M7E-01DGN2-B Datasheet HTML 6Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 7Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 8Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 9Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 10Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 11Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 12Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 13Page - Omron Electronics LLC M7E-01DGN2-B Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
M7E
PLC Dynamic
Output Unit
PLC
Custom IC
A to D,
DP, LE
+24 VDC
COM (0 V)
+24
VDC
DATA0
to 7
STB0
to 7
12 to
24 VDC
PLC
Custom IC
A to D,
DP, LE
Signal name
Pin No.
DATA0
to 7
STB0
to 7
Pull-up resistor:
2.0 to 3.9 k
Ω
PLC
Custom IC
A to D,
DP, LE
Pull-up
resistor
PLC Dynamic
Output Unit
DATA0
to 7
STB0
to 7
Using Dynamic Output Units
1. M7E-01
@@D2 Dynamic Output Model
1. Connected to C500-OD211 Transistor Output Unit
2. M7E-01
@@P2 Positive Logic Model An external pull-up resistor is required.
Connected to C500-OD211 or C200H-OD215
2. Connected to C200-OD215 Transistor Output Unit
Note: 1. Supply 24 VDC only. The
PLC does not operate with
the M7E Negative Logic
Model.
2. The resistance of the pull-
up resistor is 2.0 to 3.9 k
(1 W). A resistance of
3.3 k
is recommended.
Note:
1.
When using the C200H-
OD215, the selector on the rear
cover of the C200H-OD215
must be set as follows:
2.
Refer to the C200H High-
density I/O Unit operation
manual for the C200H-OD215
and refer to the hardware
section of the C500 operation
manual for the C500-OD211.
SW1 (dynamic output mode) ON
SW2
OFF
SW3
OFF
SW4
OFF
SW5 (positive logic output)
ON
SW6
OFF
http://www.ia.omron.com/
10
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - M7E-01DGN2-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01DGN2-B OMRON-M7E-01DGN2-B Datasheet
1Mb / 14P
   Digital Display (14 mm)
More results

Similar Description - M7E-01DGN2-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
   New Models with International Standards
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
G3M203PL424DC OMRON-G3M203PL424DC Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Omron Electronics LLC
G3VM353A OMRON-G3VM353A Datasheet
515Kb / 6P
   Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
   New standard for the semi-automatic dicer with new operability
logo
List of Unclassifed Man...
T7234 ETC1-T7234 Datasheet
676Kb / 76P
   Compliance with the New ETSI PSD Requirement
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
THine Electronics, Inc.
THCS134 THINE-THCS134 Datasheet
600Kb / 19P
   The THCS134 provides a function to serialize
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com