Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWR-52000-D12A-C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # UWR-52000-D12A-C
Description  Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWR-52000-D12A-C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  UWR-52000-D12A-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWR-52000-D12A-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Input Voltage:
D5A Models
10 Volts
D12A Models
22 Volts
D24E Models
44 Volts
D48A and D48E Models
80 Volts
Input Reverse-Polarity Protection
Current must be <6A. Brief
duration only. Fusing recommended.
Output Overvoltage Protection
5/5.2V Outputs
6.8 Volts, limited duration
12V Outputs
15 Volts, limited duration
15V Outputs
18 Volts, limited duration
Output Current
Current limited.
Max. current and
short-circuit duration model
dependent.
Storage Temperature
–40 to +105°C
These are stress ratings. Exposure of devices to greater than any of these conditions
may adversely affect long-term reliability. Proper operation under conditions other than
those listed in the Performance/Functional Specifications Table is not implied.
Absolute Maximum Ratings
TECHNIC AL NO TES
➀ These power converters require a minimum 10% loading to maintain specified regulation.
Operation under no-load conditions will not damage these devices; however they may
not meet all listed specifications.
➁ Application-specific input/output filtering can be recommended and perhaps added
internally upon request for scheduled, quantity orders. Contact DATEL Applications
Engineering for details.
➂ Devices can be screened or modified for higher guaranteed isolation voltages.
Contact DATEL Applications Engineering for details.
➃ Except for 3.3V devices which have no protection.
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage and full-load conditions, unless noted.
Input
Input Voltage Range:
D5A Models
4.7-7.25 Volts (5V nominal)
D12A Models
9-18 Volts (12V nominal)
D24E Models
18-36Volts (24V nominal
D48A Models
18-75 Volts (48V nominal)
D48E Models
36-72 Volts (48V nominal)
Input Current
See Ordering Guide
Input Filter Type
Pi
Overvoltage Shutdown:
D5A Models
None
D12A Models
20 Volts
D24E Models
40 Volts
D48A and D48E Models
76 Volts
Reverse-Polarity Protection
Yes (Instantaneous, 6A maximum)
Output
VOUT Accuracy (50% load)
±1%, maximum
Temperature Coefficient
±0.02% per °C
Ripple/Noise (20MHz BW)
See Ordering Guide
Line/Load Regulation
See Ordering Guide
Efficiency
See Ordering Guide
Isolation Voltage
1500Vdc, guaranteed
Isolation Capacitance
250pF
Current Limiting
Auto-recovery
Overvoltage Protection
Zener/transorb clamp, magnetic feedback
Dynamic Characteristics
Transient Response (50% load step)
200µsec max. to ±1.5% of final value
Switching Frequency
165kHz (±15kHz)
Flammability
UL94V-0
Environmental
Operating Temperature (Ambient):
Without Derating
–40 to +60/65/70°C (Model dependent)
With Derating
to +100°C (See Derating Curves)
Storage Temperature
–40 to +105°C
Physical
Dimensions
2" x 1" x 0.375" (51 x 25 x 9.5mm)
Shielding
5-sided
Case Connection:
D5A, D12A and D24E Models
Pin 2 (–VIN)
D48A and D48E Models
Pin 1 (+VIN)
Case Material
Corrosion resistant steel with
non-conductive, epoxy-based, black
enamel finish and plastic baseplate
Pin Material
Gold plate over copper alloy
Weight
1.3 ounces (37 grams)
Floating Outputs
Since these are isolated DC/DC converters, their outputs are "floating."
Designers will usually use the output Common (pin 5) as the ground/return
of the load circuit. You can, however, use the +Output (pin 3) as ground/
return to effectively reverse the output polarity.
Filtering and Noise Reduction
All A-Series UWR 6-10 Watt DC/DC Converters achieve their rated ripple
and noise specifications without the use of external input/output capaci-
tors. In critical applications, input/output ripple and noise may be further
reduced by installing electrolytic capacitors across the input terminals and/
or low-ESR tantalum or electrolytic capacitors across the output terminals.
The caps should be located as close to the power converters as possible.
Typical values are listed in the tables below. In many applications, using
values greater than those listed will yield better results.
To Reduce Input Ripple
D5A Models
47µF, 10V
D12A and D24E Models
20µF, 50V
D48A and D48E Models
10µF, 100V
To Reduce Output Ripple
5/5.2V Outputs
47µF, 10V, Low ESR
12/15V Outputs
22µF, 20V, Low ESR
In critical, space-sensitive applications, DATEL may be able to tailor the
internal input/output filtering of these units to meet your specific require-
ments.
UWR Series
Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
MDC_UWR6-10W Series.D02 Page 3 of 6
www.murata-ps.com/support


Similar Part No. - UWR-52000-D12A-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWR-5-3000-D48A-C MURATA-UWR-5-3000-D48A-C Datasheet
271Kb / 12P
   Single Output, High-Density, 6 Amp/15 Watt DC/DC Converters
UWR-5.2/3000-D5A MURATA-UWR-5.2/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/3000-D5A MURATA-UWR-5/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D12A MURATA-UWR-5/4000-D12A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D48A MURATA-UWR-5/4000-D48A Datasheet
192Kb / 6P
   Single Output, High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com