Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7E-01HGN2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # M7E-01HGN2
Description  New Models with Blanking Function Added to the Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-01HGN2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  M7E-01HGN2 Datasheet HTML 1Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 2Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 3Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 4Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 5Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 6Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 7Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 8Page - Omron Electronics LLC M7E-01HGN2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
M7E
Specifications
■ Ratings
■ Characteristics
Note: 1. The above values are initial values.
2. Impulse conditions
Rise time:
1 ns + 10% max.
Pulse width: 100 ms, 1 s
Polarity:
Positive, negative, asynchronous to power
frequency, 100-Hz repeat frequency.
Installation
■ Terminal Arrangements and Functions
Terminal Arrangement
Note: The circled numbers are the connector pin numbers (NRT-
@).
Note: 1. The latch terminal on ±1. Display Units is provided only on Dynamic Output Models.
2. The terminal numbers of the Unit Display Unit are different from the terminal numbers of the connector.
Rated power supply
Wide range from 12 to 24 VDC
Allowable voltage
fluctuation range
90% to 110% of rated voltage
Current consumption
(per Display Unit)
Red LED:
35 mA max. at 24 VDC
60 mA max. at 12 VDC
Greed LED:
40 mA max. at 24 VDC
75 mA max. at 12 VDC
Red/green LED: 45 mA max. at 24 VDC
90 mA max. at 12 VDC
Input
level
Positive logic
High: 9.6 V to power supply voltage
Low: 0 to 3 V
Negative logic
High: 4 V to power supply voltage
Low: 0 to 1.5 V
Dynamic output High: 4 V to power supply voltage
Low: 0 to 1.5 V
Ambient temperature
Operating: 10 C to 55 C (with no icing)
Storage: 25 C to 70 C (with no icing)
Ambient humidity
Operating: 35% to 85% (with no
condensation)
Insulation
resistance
100 M
min. at 500 VDC (between each
terminal and mounting panel)
Dielectric strength
500 VAC at 50/60 Hz for 1 minute (between
each terminal and mounting panel)
Noise immunity
(See note 2.)
Power terminal: 500 V
Input terminal:
500 V (normal mode)
1,500 V (common mode)
Vibration resistance Destruction: 10 to 55 Hz, 0.75-mm double
amplitude
Shock resistance
Destruction: 300 m/s2
Degree of protection IEC IP40 (portion on panel surface)
Compatible
connector
OMRON NRT-C/NRT-CN/NRT-CP
1. Display Unit
Decimal/Hexadecimal Display Unit (Single Color)
M7E-01B
@@2
Models with Zero Suppression
M7E-01D
@@2/M7E-01H@@2
Models with Blanking
M7E-01D
@@2-B/M7E-01H@@2-B
Unit Display Unit
Decimal Display Unit (Two Colors)
M7E-01U
@2-@
Models with Zero Suppression
M7E-01DRGN2
Models with Blanking
M7E-01DRGN2-B
Power (+)
Signal input
Blank input
Decimal point
Latch
(See note 1.)
Power (0 V)
1
+
V
K
A
C
D
F
G
H
I
BI
1
+
DP
LE
G
V
BI
1
+
DP
LE
G
K
A
C
D
F
G
H
I
Zero-suppress output
Power (+)
Signal input
Zero-suppress input
J
E
B
Data
A (2
0)
B (2
1)
C (2
2)
D (2
3)
Decimal point
Latch
Power (0 V)
Open
V
RBO
RBI
A
B
C
D
DP
LE
R/G
GND
11
10
9
8
7
6
5
4
3
2
1
K
A
C
D
F
G
H
I
Power (+)
Signal input
J
E
B
Data
A (2
0)
B (2
1)
C (2
2)
D (2
3)
Decimal point
Latch
Power (0 V)
Open
V
RBO
RBI
A
B
C
D
DP
LE
R/G
GND
Blank input
Open
11
10
9
8
7
6
5
4
3
2
1
Power (+)
Power (0 V)
V
K
A
G
1
K
A
C
D
F
G
H
I
Zero-suppress output
Power (+)
Signal input
Zero-suppress input
J
E
B
Data
A (2
0)
B (2
1)
C (2
2)
D (2
3)
Decimal point
Latch
Power (0 V)
V
RBO
RBI
A
B
C
D
DP
LE
R/G
GND
11
10
9
8
7
6
5
4
3
2
1
K
A
C
D
F
G
H
I
Power (+)
Signal input
J
E
B
Data
A (2
0)
B (2
1)
C (2
2)
D (2
3)
Decimal point
Latch
Power (0 V)
Open
V
RBO
RBI
A
B
C
D
DP
LE
R/G
GND
Blank input
11
10
9
8
7
6
5
4
3
2
1
Color selection input R/G
(See note 2.)
Color selection input R/G
http://www.ia.omron.com/
3
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - M7E-01HGN2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01HGN2-B OMRON-M7E-01HGN2-B Datasheet
1Mb / 14P
   Digital Display (14 mm)
More results

Similar Description - M7E-01HGN2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
   New Models with International Standards
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
G3M203PL424DC OMRON-G3M203PL424DC Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Omron Electronics LLC
G3VM353A OMRON-G3VM353A Datasheet
515Kb / 6P
   Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
   New standard for the semi-automatic dicer with new operability
logo
List of Unclassifed Man...
T7234 ETC1-T7234 Datasheet
676Kb / 76P
   Compliance with the New ETSI PSD Requirement
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
THine Electronics, Inc.
THCS134 THINE-THCS134 Datasheet
600Kb / 19P
   The THCS134 provides a function to serialize
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com