Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7E-01DGN2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # M7E-01DGN2
Description  New Models with Blanking Function Added to the Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-01DGN2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  M7E-01DGN2 Datasheet HTML 1Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 2Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 3Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 4Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 5Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 6Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 7Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 8Page - Omron Electronics LLC M7E-01DGN2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
M7E
Decimal/Hexadecimal Display Unit
Models with Zero Suppression
Positive logic (M7E-01DRP2/M7E-01DGP2/M7E-01HRP2/
M7E-01HGP2)
Note: The display will go blank when the data input is "0" and the DP
is OFF.
* Either high or low
Negative logic (M7E-01DRN2/M7E-01DGN2/M7E-
01DRGN2/M7E-01HRN2/M7E-01HGN2)
Note: The display will go blank when the data input is "0" and the DP
is OFF.
* Either high or low
Input
Out-
put
Display condition
Connector
pin No.
CE
F
GH
D
I
J
Terminal
number
35
67
84
9
10
Terminal
symbol
LE
D
C
B
A
DP RBI
RBO
Decimal Hexadeci-
mal
Input
signals
LL
LL
LL
L
L
0
LL
LL
H
L
*
L
1
LL
L
H
LL
*
L
2
LL
L
H
H
L
*
L
3
LL
H
L
LL
*
L
4
L
L
HLHL
*
L
5
LL
H
H
LL
*
L
6
LL
H
H
H
L
*
L
7
LHL
L
L
L
*
L
8
LHL
LHL
*
L
9
LHLHL
L
*
L
a
LHLH
HL
*
L
Blank
b
LH
HL
L
L
*
L
Blank
c
LH
HLHL
*
L
Blank
d
LH
H
H
L
L
*
L
Blank
e
LH
H
H
HL
*
L
Blank
f
L*
*
*
*
H
*
L
*
L
L
L
L
L
H
H
Blank (See note.)
H
*
*
*
*
*
*
*
Retains the display
conditions of A
through D and DP
terminals before LE
goes high. RBI is not
related.
Input
Out-
put
Display condition
Connector
pin No.
CE
FG
HD
I
J
Terminal
number
35
67
84
9
10
Terminal
symbol
LE
D
C
B
A
DP
RBI
RBO
Decimal Hexadec-
imal
Input
signals
HH
HH
HH
H
H
0
HH
HH
L
H
*
H
1
HH
H
L
HH
*
H
2
HH
H
L
L
H
*
H
3
HH
L
H
HH
*
H
4
H
H
LHLH
*
H
5
HH
L
L
HH
*
H
6
HH
L
L
L
H
*
H
7
HLH
H
H
H
*
H
8
HLH
HLH
*
H
9
HLHLH
H
*
H
a
HLHL
LH
*
H
Blank
b
H
L
L
H
H
H
*
H
Blank
c
HL
LHLH
*
H
Blank
d
H
L
L
L
H
H
*
H
Blank
e
H
L
L
L
L
H
*
H
Blank
f
H*
*
*
*
L
*
H
*
H
H
H
H
H
L
L
Blank (See note.)
L
*
*
*
*
*
*
*
Retains the display
conditions of A
through D, DP and
R/G terminals before
LE goes low. RBI is
not related.
http://www.ia.omron.com/
5
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - M7E-01DGN2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01DGN2-B OMRON-M7E-01DGN2-B Datasheet
1Mb / 14P
   Digital Display (14 mm)
More results

Similar Description - M7E-01DGN2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
   New Models with International Standards
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
G3M203PL424DC OMRON-G3M203PL424DC Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Omron Electronics LLC
G3VM353A OMRON-G3VM353A Datasheet
515Kb / 6P
   Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
   New standard for the semi-automatic dicer with new operability
logo
List of Unclassifed Man...
T7234 ETC1-T7234 Datasheet
676Kb / 76P
   Compliance with the New ETSI PSD Requirement
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
THine Electronics, Inc.
THCS134 THINE-THCS134 Datasheet
600Kb / 19P
   The THCS134 provides a function to serialize
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com