Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G-NICO-018 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. G-NICO-018
Description  TSYS01 Digital Temperature Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
TSYS01 Digital Temperature Sensor
TSYS01 Rev E0.3
www.meas-spec.com
2012-01-13
5/10
INTERFACE DESCRIPTION
PROTOCOL SELECTION
PS pin input level has to be defined in dependence to protocol selection.
• PS = 0 activates SPI.
• PS = 1 activates I2C.
I
2C INTERFACE
A I
2C communication message starts with a start condition and it is ended by a stop condition.
Each command consists of two bytes: the address byte and command byte.
I
2C ADDRESS SELECTION
The I
2C address can be selected by CSB pin.
CSB=1 then the address is 1110110x.
CSB=0 the address is 1110111x.
Therefore, two TSYS01 can be interfaced on the same I
2C bus.
SPI INTERFACE
The serial interface is a 4-wire SPI bus, operating as a slave. CS (chip select), SCLK (serial clock), SDI
(serial data in), and SDO (serial data out) are used to interact with the SPI master.
Communication with the chip starts when CS is pulled to low and ends when CS is pulled to high.
SCLK is controlled by the SPI master and idles low (SCLK low on CS transitions, mode 0).
A mode where the clock alternatively idles high is also supported (mode 3).
COMMANDS
The commands are the same for SPI and I
2C interface.
There are four commands:
Reset
Read PROM (calibration parameters)
Start ADC Temperature conversion
Read ADC Temperature result
Command
Hex Value
Reset
0x1E
Start ADC Temperature Conversion
0x48
Read ADC Temperature Result
0x00
PROM Read Address 0
0xA0
PROM Read Address 1
0xA2
PROM Read Address 2
0xA4
PROM Read Address 3
0xA6
PROM Read Address 4
0xA8
PROM Read Address 5
0xAA
PROM Read Address 6
0xAC
PROM Read Address 7
0xAE




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl