Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1UM287QK Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1UM287QK
Description  Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UM287QK Datasheet(HTML) 5 Page - Sharp Corporation

  GP1UM287QK Datasheet HTML 1Page - Sharp Corporation GP1UM287QK Datasheet HTML 2Page - Sharp Corporation GP1UM287QK Datasheet HTML 3Page - Sharp Corporation GP1UM287QK Datasheet HTML 4Page - Sharp Corporation GP1UM287QK Datasheet HTML 5Page - Sharp Corporation GP1UM287QK Datasheet HTML 6Page - Sharp Corporation GP1UM287QK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GP1UM26RK/27RK/28RK/28QK Series
GND
(Circuit parameters)
R1
=47Ω±5%
C1
=47µF
CO
+
Ve
VO
GND
VCC
VOUT
R1
In setting R1 and C1, use suitable values after considering under the real condition
The circuit constant is a example. It is difference from mounting equipment. Please select it by your mounting equipment. This
device has a transistor as protection element between VCC and GND to improve anti-static electricity proof.
Please be carefully not to apply exceeding the absolute maximum ratings of applying voltage and continuous high voltage spike
noise because there is cases that transistor will be short by secondary breakdown generally.
In order to do difficultly, Please add CR filter (47
Ω (1/10W), 10µF or more) such as external circuit example above near V
CC.
1. When this infrared remote control detecting unit shall be adopted for wireless remote control, please use it with the signal format of
transmitter, which total duty ratio Dt (Emitting time
n
Σ t
N / Transmitting time for 1 block T) is 40% or less. ON signal time TON
(Pulse width of the presence of modulated IR) should be 250(200:In case of B.P.F. center frequency:56.8kHz model)
µs or more. In
case that the signal format of total duty and ON signal time is out of above conditions, there is a case that reception distance is
much reduced or output is not appeared.
2. Use the light emitting unit (remote control transmitter), in consideration of performance, characteristics, operating conditions of
light emitting device and the characteristics of the light detecting unit.
3. Pay attention to a malfunction of the light detecting unit when the surface is stained with dust and refuse.
Care must be taken not to touch the light detector surface.
If it should be dirty, wipe off such dust and refuse with soft cloth so as to prevent scratch. In case some solvents are required, use
methyl alcohol, ethyl alcohol or isopropyl alcohol only.
Also, protect the light detecting unit against flux and others, since their deposition on the unit inside causes reduction of the
function, fading of markings such as the part number.
4. The shield case should be grounded on PCB pattern.
(The area across the shield case and the GND terminal is internally conductive in some cases and non-conductive in some other
cases.)
5. Do not apply unnecessary force to the terminal and the case.
6. Do not push the light detector surface (photodiode) from outside.
7. To avoid the electrostatic breakdown of IC, handle the unit under the condition of grounding with human body, soldering iron, etc.
8. Do not use hole and groove set in the case of the light detecting unit for other purposes, since they are required to maintain the
specified performance.
9. External Circuit Examples (Mount the outer parts as near the unit as possible).
s Precautions for Operation
N
=1
t1
t2
t3
tn
TON
Transmitting time for 1 block:T
Dt=(
Σ t
N / T)
×100 (%)
n
N
=1


Similar Part No. - GP1UM287QK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GP1UM281YK RENESAS-GP1UM281YK Datasheet
538Kb / 18P
   Sample Program (Remote Control Transmission/Reception)
logo
Sharp Corporation
GP1UM28QK SHARP-GP1UM28QK Datasheet
90Kb / 7P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1UM28RK SHARP-GP1UM28RK Datasheet
90Kb / 7P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1UM28XK SHARP-GP1UM28XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM28XK0VF SHARP-GP1UM28XK0VF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UM287QK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26R SHARP-GP1U26R Datasheet
87Kb / 5P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1S525VJ00F SHARP-GP1S525VJ00F Datasheet
90Kb / 7P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com