Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1UM281QK Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1UM281QK
Description  Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UM281QK Datasheet(HTML) 2 Page - Sharp Corporation

  GP1UM281QK Datasheet HTML 1Page - Sharp Corporation GP1UM281QK Datasheet HTML 2Page - Sharp Corporation GP1UM281QK Datasheet HTML 3Page - Sharp Corporation GP1UM281QK Datasheet HTML 4Page - Sharp Corporation GP1UM281QK Datasheet HTML 5Page - Sharp Corporation GP1UM281QK Datasheet HTML 6Page - Sharp Corporation GP1UM281QK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GP1UM26RK/27RK/28RK/28QK Series
GP1UM26RK
GP1UM260RK
GP1UM261RK
GP1UM262RK
GP1UM267RK
GP1UM27RK
GP1UM270RK
GP1UM271RK
GP1UM272RK
GP1UM277RK
GP1UM28RK
GP1UM280RK
GP1UM281RK
GP1UM282RK
GP1UM287RK
GP1UM28QK
GP1UM280QK
GP1UM281QK
GP1UM282QK
GP1UM287QK
Model No.
40
36
38
36.7
B.P.F. center frequency
56.8
Unit
kHz
s Model Line-up
Diversified models with a different B.P.F. frequency are also available.
s Outline Dimensions
GP1UM28RK Series
GP1UM28QK Series
5.6
2.2
1.25
1.25
17.8
±0.5
*23.6±0.5
*32.9
*35.8
*32.9
14.2
3.6
1.4
1.4
2.54
2.54
Example of mounting drawing
from solder side (Reference)
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
3−φ
0.8
Center
of PD
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM28RK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
12
3
1
2
3
2.54
Top of lenz
2.54
1.4
1.4
3
−φ0.8
Example of mounting drawing
from solder side (Reference)
0.4
*11.7
*32.9
*35.8
*32.9
3.7
1.4
1.4
5.4
6.8
2.2
2.75
5.6
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
1.25
1.25
12
3
12
3
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM28QK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
(Unit : mm)


Similar Part No. - GP1UM281QK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GP1UM281YK RENESAS-GP1UM281YK Datasheet
538Kb / 18P
   Sample Program (Remote Control Transmission/Reception)
More results

Similar Description - GP1UM281QK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26R SHARP-GP1U26R Datasheet
87Kb / 5P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1S525VJ00F SHARP-GP1S525VJ00F Datasheet
90Kb / 7P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com