Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-0420D3Z-NSW-BBW-V3 Datasheet(PDF) 5 Page - Newhaven Display International, Inc.

Part # NHD-0420D3Z-NSW-BBW-V3
Description  Serial Liquid Crystal Display Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0420D3Z-NSW-BBW-V3 Datasheet(HTML) 5 Page - Newhaven Display International, Inc.

  NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0420D3Z-NSW-BBW-V3 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
[5] 
 
Electrical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Operating Temperature Range 
Top ‐20
+70 ⁰C
Storage Temperature Range 
Tst ‐30
+80 ⁰C
Supply Voltage 
VDD 
4.7
5.0
5.5 
V
Supply Current (LCD + Backlight) 
IDD 
Ta=25°C VDD=5.0V
35
‐ 
mA
Supply for LCD (contrast) 
VDDV0 
Ta=25°C
4.5
‐ 
V
“H” Level input 
Vih 
0.8*VDD
VDD 
V
“L” Level input 
Vil 
VSS
0.2*VDD 
V
 
 
Optical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Viewing Angle ‐ Top  
Cr ≥ 3 
10
‐ 
⁰ 
Viewing Angle ‐ Bottom  
60
‐ 
⁰ 
Viewing Angle ‐ Left  
45
‐ 
⁰ 
Viewing Angle ‐ Right  
45
‐ 
⁰ 
Contrast Ratio 
Cr ‐
3
‐ 
‐ 
Response Time (rise) 
Tr ‐
100
150 
ms
Response Time (fall) 
Tf ‐
150
200 
ms
 
 
Controller Information 
Built‐in PIC16F690 controller. 
Please download specification at http://www.newhavendisplay.com/app_notes/PIC16F690.pdf 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - NHD-0420D3Z-NSW-BBW-V3

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0420D3Z-FL-GBW-V3 NEWHAVEN-NHD-0420D3Z-FL-GBW-V3 Datasheet
581Kb / 15P
   Serial Liquid Crystal Display Module
More results

Similar Description - NHD-0420D3Z-NSW-BBW-V3

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216K3Z-FSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-FSRGB-FBW-V3 Datasheet
499Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0220D3Z-FL-GBW-V3 NEWHAVEN-NHD-0220D3Z-FL-GBW-V3 Datasheet
527Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0216K3Z-NSW-BBW-V3 NEWHAVEN-NHD-0216K3Z-NSW-BBW-V3 Datasheet
470Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0240BZ-NSW-BTW-P NEWHAVEN-NHD-0240BZ-NSW-BTW-P Datasheet
966Kb / 10P
   Serial Liquid Crystal Display Module
NHD-0220D3Z-NSW-BBW-V3 NEWHAVEN-NHD-0220D3Z-NSW-BBW-V3 Datasheet
544Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0420D3Z-FL-GBW-V3 NEWHAVEN-NHD-0420D3Z-FL-GBW-V3 Datasheet
581Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0216K3Z-NSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-NSRGB-FBW-V3 Datasheet
499Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0216B3Z-FL-GBW-V3 NEWHAVEN-NHD-0216B3Z-FL-GBW-V3 Datasheet
516Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0216K3Z-FL-GBW-V3 NEWHAVEN-NHD-0216K3Z-FL-GBW-V3 Datasheet
503Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0216S3Z-FL-GBW-V3 NEWHAVEN-NHD-0216S3Z-FL-GBW-V3 Datasheet
514Kb / 15P
   Serial Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com