Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI501 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GI501
Description  General Purpose Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI501 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI501 Datasheet HTML 1Page - Vishay Siliconix GI501 Datasheet HTML 2Page - Vishay Siliconix GI501 Datasheet HTML 3Page - Vishay Siliconix GI501 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GI500, GI501, GI502, GI504, GI506, GI508, GI510
www.vishay.com
Vishay General Semiconductor
Revision: 01-Aug-13
2
Document Number: 88626
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, PCB mounted with 0.8" x 0.8"
(20 mm x 20 mm) copper heatsinks
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI500
GI501
GI502
GI504
GI506
GI508
GI510
UNIT
Typical thermal resistance
RJA (1)
20
°C/W
RJL (1)
5.0
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GI506-E3/54
1.1
54
1400
13" diameter paper tape and reel
GI506-E3/73
1.1
73
1000
Ammo pack packaging
0
7.0
8.0
40
20
60
80
100
120
140
160
6.0
4.0
5.0
3.0
1.0
2.0
Lead Temperature (°C)
T
A = Ambient Temperature
0.375" (9.5 mm) Lead Length
P.C.B. Mounted
T
L = Both Leads to
Heat Sink Mounted
Length (L) as Shown
60 Hz Resistive
or Inductive Load
L = 0.31" (7.9 mm)
L =
0.25
" (6.3
mm)
L =
0.50
" (12.7
mm)
1
10
100
10
100
1000
Number of Cycles at 60 Hz
T
J = 150 °C
8.3 ms Single Half Sine-Wave
Repetitive
Non-Repetitive
0.4
0.6
0.8
1.0
1.6
1.8
0.01
0.1
10
100
1.2
1.4
1
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
0
20
40
60
0.01
0.1
10
100
80
100
1
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 25 °C
T
J = 100 °C


Similar Part No. - GI501

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI501 GE-GI501 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Galaxy Semi-Conductor H...
GI501 BILIN-GI501 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI501 VISHAY-GI501 Datasheet
71Kb / 4P
   General Purpose Plastic Rectifier
Revision: 28-Oct-09
logo
Shenzhen Taychipst Elec...
GI501 TAYCHIPST-GI501 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
GI501 DSK-GI501 Datasheet
270Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - GI501

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com