Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-61ER1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G3VM-61ER1
Description  Higher power, 3-A switching with a 60-V load voltage, DIP package.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G3VM-61ER1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G3VM-61ER1 Datasheet HTML 1Page - List of Unclassifed Manufacturers G3VM-61ER1 Datasheet HTML 2Page - List of Unclassifed Manufacturers G3VM-61ER1 Datasheet HTML 3Page - List of Unclassifed Manufacturers G3VM-61ER1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
G3VM-61BR1/ER1
MOS FET Relays
Higher power, 3-A switching with a 60-V
load voltage, DIP package.
Low 40 m
Ω ON Resistance.
• Continuous load current of 3 A. (Connection C: 6 A)
• Switches minute analog signals.
• Dielectric strength of 2,500 Vrms between I/O.
■ Application Examples
■ Terminal Arrangement/Internal Connections
■ List of Models
* The AC peak and DC value are given for the load voltage.
■ Absolute Maximum Ratings (Ta = 25°C)
■ Electrical Characteristics (Ta = 25°C)
RoHS compliant
Note: The actual product is marked differently from the
image shown here.
• Communication equipment
• Test & Measurement equipment
• Security equipment
• Factory Automation equipment
• Power circuit
6
54
13
2
OMRON logo
Pin 1 mark
Model name
Lot No.
932
Note: The actual product is marked differently from the image shown here.
Package type
Contact form
Terminals
Load voltage
(peak value)
*
Model
Minimum package quantity
Number per stick Number per tape and reel
DIP6
1a
(SPST-NO)
PCB terminals
60 V
G3VM-61BR1
50
---
Surface-mounting terminals
G3VM-61ER1
G3VM-61ER1 (TR)
---
1,500
Item
Symbol
Rating
Unit
Measurement conditions
Note:
1. The dielectric strength between the input and
output was checked by applying voltage
between all pins as a group on the LED side and
all pins as a group on the light-receiving side.
LED forward current
IF
30
mA
Repetitive peak LED forward current
IFP
1
A
100
µs pulses, 100 pps
LED forward current reduction rate
∆IF/°C
−0.3
mA/
°C
Ta
≥ 25°C
LED reverse voltage
VR
5
V
Connection temperature
TJ
125
°C
Load voltage (AC peak/DC)
VOFF
60
V
Continuous
load current
Connection A
IO
3
A
Connection A: AC peak/DC
Connection B and C: DC
Connection B
3
Connection C
6
ON current
reduction rate
Connection A
∆IO/°C
−30
mA/
°C
Ta
≥ 25°C
Connection B
−30
Connection C
−60
Pulse ON current
Iop
9
A
t = 100 ms, Duty = 1/10
Connection temperature
TJ
125
°C
Dielectric strength between I/O (See note 1.)
VI-O
2500
Vrms
AC for 1 min
Operating temperature
Ta
−40 to +85
°C
With no icing or condensation
Storage temperature
Tstg
−55 to +125
°C
With no icing or condensation
Soldering temperature
---
260
°C
10 s
Item
Symbol Minimum Typical Maximum
Unit
Measurement conditions
LED forward voltage
VF
1.18
1.33
1.48
V
IF = 10 mA
Note:
2. Turn-ON and Turn-OFF Times
Reverse current
IR
---
---
10
µA
VR = 5 V
Capacity between terminals
CT
---
70
---
pF
V = 0, f = 1 MHz
Trigger LED forward current
IFT
---
0.5
3
mA
IO = 1 A
Maximum
resistance with
output ON
Connection A
RON
---
40
70
m
IF = 5 mA, IO = 2 A, t < 1s
Connection B
---
20
---
m
IF = 5 mA, IO = 2 A, t < 1s
Connection C
---
10
---
m
IF = 5 mA, IO = 4 A, t < 1s
Current leakage when the relay is open
ILEAK
---
---
1.0
µA
VOFF = 60 V
Capacity between terminals
COFF
---
1000
---
pF
V = 0, f = 1 MHz
Capacity between I/O terminals
CI-O
---
0.8
---
pF
f = 1 MHz, VS = 0 V
Insulation resistance between I/O terminals
RI-O
1000
---
---
M
VI-O = 500 VDC, ROH
≤ 60%
Turn-ON time
tON
---
2
5
ms
IF = 5 mA, RL = 200
Ω,
VDD = 20 V (See note 2.)
Turn-OFF time
tOFF
---
0.1
1
ms
Connection Diagram
Connection
A
Connection
B
Connection
C
or
AC
DC
1
2
3
6
5
4
Load
1
2
3
6
5
4
DC
Load
Load
DC
1
2
3
6
5
4
VOUT
IF
t ON
t OFF
10%
90%
IF
1
2
6
4
RL
VDD
VOUT


Similar Part No. - G3VM-61ER1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-61ER1 OMRON-G3VM-61ER1 Datasheet
503Kb / 3P
   Higher power, 3-A switching with a 60-V load voltage, DIP package.
G3VM-61ER1 OMRON-G3VM-61ER1 Datasheet
653Kb / 9P
   MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-61ER1-TR OMRON-G3VM-61ER1-TR Datasheet
653Kb / 9P
   MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
More results

Similar Description - G3VM-61ER1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-61BR1 OMRON-G3VM-61BR1 Datasheet
503Kb / 3P
   Higher power, 3-A switching with a 60-V load voltage, DIP package.
G3VM-21AR OMRON-G3VM-21AR Datasheet
432Kb / 3P
   Higher power, 3-A switching with a 20-V load voltage, DIP package.
G3VM-61DR OMRON-G3VM-61DR Datasheet
431Kb / 3P
   Higher power, 2-A switching with a 60-V load voltage, DIP package. Low 80 moHM ON Resistance.
G3VM-41DR OMRON-G3VM-41DR Datasheet
428Kb / 3P
   Higher power, 2.5-A switching with a 40-V load voltage, DIP package. Low 50 m廓 ON Resistance.
G3VM-61HR1 OMRON-G3VM-61HR1 Datasheet
87Kb / 3P
   Higher power, 3.3-A switching with a 60-V load voltage, SOP package. Low 30-m廓 ON Resistance.
G3VM-21ER OMRON-G3VM-21ER Datasheet
657Kb / 4P
   Higher Power, 4A switching with a 20V load, DIP package. Low 20 m廓 ON Resistance.
logo
Renesas Technology Corp
RJF0624JSP RENESAS-RJF0624JSP Datasheet
225Kb / 7P
   60 V 3 A N Channel MOS FET Power Switching
Sep. 27, 2022
logo
Texas Instruments
LV14360 TI-LV14360 Datasheet
3Mb / 34P
[Old version datasheet]   LV14360 60-V, 3-A Step-Down Converter With High Light Load Efficiency
logo
Nexperia B.V. All right...
PHPT60603PY NEXPERIA-PHPT60603PY Datasheet
735Kb / 15P
   60 V, 3 A PNP high power bipolar transistor
logo
STMicroelectronics
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
   Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com