Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-0108CZ-FSW-GBW-33V3 Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-0108CZ-FSW-GBW-33V3
Description  Character Liquid Crystal Display Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0108CZ-FSW-GBW-33V3 Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0108CZ-FSW-GBW-33V3 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CONFIDENTIAL
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The drawing contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-0108CZ-FSW-GBW-33V3
07/18/13
Date
Unit
Model:
mm
Gen. Tolerance
±0.3mm
Rev
Description
Date
1
VSS
2
VDD
3
V0
4
RS
5
R/W
6
E
7~10 DB4~DB7
11~14 DB0~DB3
A
LED+
PIN ASSIGNMENT
1
10
11
14
A
K
K
LED-
Notes:
1). Driver Method: 1/8duty, 1/4bias, VDD3.3V VLCD3.3V
2). Display Type: STN-Gray/Positive/Transflective/6:00 Visual Angle
3). Operating Temp: -20°C~70°C/Storage Temp: -30°C~80°C
4). Backlight Type: Edge/White/Vled3.0V/30mA
5). Driver: ST7066U/4bit or 8bit MPU
6). RoHS Compliant


Similar Part No. - NHD-0108CZ-FSW-GBW-33V3

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0108CZ-FSW-GBW-3V3 NEWHAVEN-NHD-0108CZ-FSW-GBW-3V3 Datasheet
744Kb / 12P
   Character Liquid Crystal Display Module
More results

Similar Description - NHD-0108CZ-FSW-GBW-33V3

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0224BZ-FL-GBW NEWHAVEN-NHD-0224BZ-FL-GBW Datasheet
737Kb / 12P
   Character Liquid Crystal Display Module
NHD-0208AZ-RN-YBW NEWHAVEN-NHD-0208AZ-RN-YBW Datasheet
677Kb / 12P
   Character Liquid Crystal Display Module
NHD-0440WH-ATMI-JT NEWHAVEN-NHD-0440WH-ATMI-JT Datasheet
721Kb / 12P
   Character Liquid Crystal Display Module
NHD-0208BZ-RN-YBW NEWHAVEN-NHD-0208BZ-RN-YBW Datasheet
661Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216BZ-FL-YBW NEWHAVEN-NHD-0216BZ-FL-YBW Datasheet
683Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216HZ-FL-YBW-C NEWHAVEN-NHD-0216HZ-FL-YBW-C Datasheet
720Kb / 12P
   Character Liquid Crystal Display Module
NHD-0116GZ-FSW-GBW NEWHAVEN-NHD-0116GZ-FSW-GBW Datasheet
715Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216K1Z-NSB-FBW-L NEWHAVEN-NHD-0216K1Z-NSB-FBW-L Datasheet
681Kb / 12P
   Character Liquid Crystal Display Module
NHD-0416BZ-FL-YBW NEWHAVEN-NHD-0416BZ-FL-YBW Datasheet
688Kb / 12P
   Character Liquid Crystal Display Module
NHD-0420AZ-FSW-GBW-3V3 NEWHAVEN-NHD-0420AZ-FSW-GBW-3V3 Datasheet
676Kb / 12P
   Character Liquid Crystal Display Module
NHD-0420E2Z-NSW-BBW NEWHAVEN-NHD-0420E2Z-NSW-BBW Datasheet
765Kb / 12P
   Character Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com