Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2035-35-SM Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2035-35-SM
Description  2035-xx-SM Precision Gas Discharge Tube Surge Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2035-35-SM Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2035-35-SM Datasheet HTML 1Page - Bourns Electronic Solutions 2035-35-SM Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2035 - xx - SM - RP LF
Model Number Designator
Voltage
Surface Mount
Packaging Options
Blank = Bulk Packaging (Standard)
RP = Reelpack (Optional)
RP3 = Reelpack (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
How to Order
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2035-xx-SM Precision Gas Discharge Tube Surge Protector
Product Dimensions
REV. L 04/11
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
The Model 2035-xx-SM ships standard bulk pack,
100 pieces per bag.
-RP
The optional -RP reelpack contains 1,500 pieces per reel.
Reel is 13 inches in diameter and 3/4 inch wide.
Recommended Pad Layout
4.4
(.173)
4.8
(.190)
DIA.
5.0
(.195)
3.9
(.155)
1.3
(.050)
5.6
(.220)
-RP3
The optional -RP3 reelpack contains 1,000 pieces per reel.
Reel is 13 inches in diameter and 11/16 inch wide.
4.00
(.158)
2.00
(.079)
8.00
(.315)
16.0
(.63)
1.75
(.069)
7.5
(.30)
12.00
(.473)
4.00
(.158)
12.00 ± 1.27
(.473 ± .050)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 2035-35-SM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-35-SM BOURNS-2035-35-SM Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-35-SM-LF BOURNS-2035-35-SM-LF Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-35-SM-RP BOURNS-2035-35-SM-RP Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-35-SM-RP-LF BOURNS-2035-35-SM-RP-LF Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2035-35-SM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-60-SM-RPLF BOURNS-2035-60-SM-RPLF Datasheet
275Kb / 2P
   2035-xx-SM Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF Datasheet
275Kb / 2P
   2035-xx-SM Precision Gas Discharge Tube Surge Protector
2036-23-SM-RPLF BOURNS-2036-23-SM-RPLF Datasheet
257Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-07-B2LF BOURNS-2036-07-B2LF Datasheet
245Kb / 2P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-30-SM-RPLF BOURNS-2036-30-SM-RPLF Datasheet
242Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2027-35-SMLF BOURNS-2027-35-SMLF Datasheet
187Kb / 2P
   2027-xx-SM Precision Gas Discharge Tube Surge Protector
2036-15-SM-RPLF BOURNS-2036-15-SM-RPLF Datasheet
250Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com