Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6023 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # 2SC6023
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6023 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button 2SC6023 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 10Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 11Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 12Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2SC6023
No.8143-9/15
S Parameters (Common emitter)
VCE=1V, IC=25mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.518
--80.0
19.415
135.0
0.021
73.2
0.762
--38.4
400
0.475
--112.6
16.674
113.0
0.034
65.1
0.580
--63.2
600
0.440
--132.4
13.356
99.8
0.044
62.3
0.466
--80.0
800
0.425
--148.8
10.399
91.1
0.054
62.7
0.397
--91.8
1000
0.414
--160.9
8.489
84.9
0.063
62.7
0.354
--100.9
1200
0.410
--171.0
7.152
79.6
0.073
62.4
0.329
--108.4
1400
0.412
--179.6
6.123
75.1
0.082
61.8
0.312
--114.6
1600
0.415
172.8
5.367
71.0
0.092
60.9
0.303
--119.7
1800
0.418
166.4
4.778
67.2
0.101
60.1
0.299
--124.5
2000
0.425
160.3
4.297
63.4
0.111
59.1
0.296
--129.1
2200
0.430
154.6
3.898
60.0
0.120
57.9
0.297
--132.4
2400
0.436
149.4
3.574
56.5
0.129
56.8
0.299
--136.1
2600
0.441
144.6
3.294
53.3
0.138
55.7
0.301
--139.2
2800
0.450
140.2
3.056
50.1
0.148
54.3
0.306
--142.0
3000
0.455
135.9
2.853
47.1
0.157
53.0
0.312
--144.5
3200
0.463
132.0
2.680
44.0
0.166
51.5
0.319
--147.1
3400
0.471
128.2
2.527
41.0
0.175
50.1
0.327
--149.4
3600
0.480
124.5
2.390
38.1
0.185
48.5
0.335
--151.9
3800
0.488
121.0
2.267
35.1
0.193
46.9
0.344
--154.4
4000
0.496
117.7
2.154
32.2
0.202
45.2
0.352
--156.7
4200
0.504
114.3
2.052
29.4
0.211
43.7
0.360
--158.9
4400
0.511
111.1
1.961
26.5
0.219
41.9
0.368
--161.3
4600
0.518
108.0
1.876
23.8
0.228
40.4
0.377
--163.4
4800
0.526
105.0
1.800
21.0
0.236
38.6
0.384
--165.5
5000
0.533
102.0
1.727
18.4
0.244
36.9
0.393
--167.6
5200
0.539
99.0
1.660
15.7
0.252
35.2
0.401
--169.9
5400
0.546
96.2
1.600
13.2
0.260
33.5
0.409
--171.8
5600
0.551
93.4
1.543
10.7
0.267
31.9
0.416
--173.7
5800
0.556
90.6
1.491
8.2
0.275
30.1
0.423
--175.6
6000
0.560
87.8
1.441
5.7
0.283
28.6
0.430
--177.4


Similar Part No. - 2SC6023

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6023 SANYO-2SC6023 Datasheet
58Kb / 15P
   NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - 2SC6023

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
   UHF to X Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com