Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002PV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2N7002PV
Description  60 V, 350 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002PV Datasheet(HTML) 2 Page - NXP Semiconductors

  2N7002PV Datasheet HTML 1Page - NXP Semiconductors 2N7002PV Datasheet HTML 2Page - NXP Semiconductors 2N7002PV Datasheet HTML 3Page - NXP Semiconductors 2N7002PV Datasheet HTML 4Page - NXP Semiconductors 2N7002PV Datasheet HTML 5Page - NXP Semiconductors 2N7002PV Datasheet HTML 6Page - NXP Semiconductors 2N7002PV Datasheet HTML 7Page - NXP Semiconductors 2N7002PV Datasheet HTML 8Page - NXP Semiconductors 2N7002PV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2N7002PV
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 5 August 2010
2 of 16
NXP Semiconductors
2N7002PV
60 V, 350 mA N-channel Trench MOSFET
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S1
source1
2
G1
gate1
3D2
drain2
4S2
source2
5
G2
gate2
6D1
drain1
12
3
4
5
6
S1
D1
G1 S2
msd901
D2
G2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
2N7002PV
-
plastic surface-mounted package; 6 leads
SOT666
Table 4.
Marking codes
Type number
Marking code
2N7002PV
ZF
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VDS
drain-source voltage
Tamb =25 °C-
60
V
VGS
gate-source voltage
Tamb =25 °C-
±20
V
ID
drain current
VGS =10V
[1]
Tamb =25 °C-
350
mA
Tamb =100 °C-
250
mA
IDM
peak drain current
Tamb =25 °C;
single pulse; tp ≤ 10 μs
-1.2
A


Similar Part No. - 2N7002PV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2N7002PV NEXPERIA-2N7002PV Datasheet
272Kb / 14P
   60 V, 350 mA dual N-channel Trench MOSFET
28 December 2022
More results

Similar Description - 2N7002PV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
logo
Nexperia B.V. All right...
2N7002BK NEXPERIA-2N7002BK Datasheet
737Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 17 June 2010
logo
NXP Semiconductors
2N7002BK PHILIPS-2N7002BK_15 Datasheet
176Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
logo
Nexperia B.V. All right...
2N7002PV NEXPERIA-2N7002PV Datasheet
272Kb / 14P
   60 V, 350 mA dual N-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
NX3008NBKT-115 NXP-NX3008NBKT-115 Datasheet
874Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKW PHILIPS-NX3008NBKW_15 Datasheet
879Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
logo
Nexperia B.V. All right...
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
NX3008NBKW NEXPERIA-NX3008NBKW Datasheet
1Mb / 16P
   30 V, 350 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKS PHILIPS-NX3008NBKS_15 Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com