Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-986-2A1PL Datasheet(PDF) 2 Page - Clare, Inc.

Part # M-986-2A1PL
Description  MF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2A1PL Datasheet(HTML) 2 Page - Clare, Inc.

  M-986-2A1PL Datasheet HTML 1Page - Clare, Inc. M-986-2A1PL Datasheet HTML 2Page - Clare, Inc. M-986-2A1PL Datasheet HTML 3Page - Clare, Inc. M-986-2A1PL Datasheet HTML 4Page - Clare, Inc. M-986-2A1PL Datasheet HTML 5Page - Clare, Inc. M-986-2A1PL Datasheet HTML 6Page - Clare, Inc. M-986-2A1PL Datasheet HTML 7Page - Clare, Inc. M-986-2A1PL Datasheet HTML 8Page - Clare, Inc. M-986-2A1PL Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Electrical Characteristics/Temperature Range
Parameter
Test ConditionsMin
Typ
Max
Unit
I
CC
Supply current
f = 20.5 MHz, V
CC = 5.5V,
-
50
75
mA
T
A = 0˚ to 70 ˚C
V
OH
High-level output voltage
I
OH = MAX
2.4
3
-
V
I
OH = 20 µ A
V
CC -0.4
-
-
V
V
OL
Low-level output voltage
I
OL = MAX
-
0.3
0.6
V
I
OZ
Off-state output current
V
CC = MAX
VO = 2.4 V
-
-
20
µA
VO = 0.4 V
-
-
-20
µA
I
I
Input current
V
I = VSS to VCC
Except CLKIN
-
-
±20
µA
CLKIN
-
-
±50
µA
C
I
Input capacitance
Data bus
f = 1 MHz, all other pins 0 V
-
25
-
pF
All others
-
15
-
pF
C
O
Output capacitance
Data bus
-
25
-
pF
All others
-
10
-
pF
Supply voltage range, V
CC
-0.3 V to 7 V
Input voltage range
-0.3 V to 15 V
Output voltage range
-0.3 V to 15 V
Ambient air temperature range
0˚ to 150˚C
Storage temperature range
-45˚C to 150˚C
www.clare.com
M-986-2A1
Rev. 3
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
2
Absolute Maximum Ratings Over Specified
Temperature Range
When binary input/output is selected, the M-986-2A1
encodes the received R1 MF tone pair into a 4 bit
binary format. The digital input to the M-986-2A1 that
selects the transmitted R1 MF tone pair must also be
coded in a 4 bit binary format.
Enable/Disable Channel (ENC): When a channel is
disabled, the receiver does not process its codec
input for R1 MF tones, and the transmitter does not
respond to transmit commands. If a transmit com-
mand is given while the channel is enabled, the “tone
off” command must be given before the channel is dis-
abled. Disabling the channel does not automatically
shut off the transmitter. When a channel is enabled,
the receiver and transmitter for that channel function
normally.
Long/Short KP Tone Detection Time (KPL): When
long KP tone detection is selected, the minimum on
time for the KP tone to be detected is 55 milliseconds.
When short KP tone detection is selected, the mini-
mum on time for the KP tone to be detected is 30 mil-
liseconds (the same as the minimum on time for the
rest of the MF tones).
Enable MF Tone Detection After Reception of KP
(KPEN): When this feature is enabled, MF tone detec-
tion is enabled after reception of the KP tone, and dis-
abled after reception of ST, ST1, ST2, or ST3 tones.
When this feature is disabled, MF tone detection is
always enabled. Select A or µ-law input/output (AMU)
for A-law encoding, this bit is set to a 1, for µ-law
encoding it is set to 0.
Function Description
The M-986-2A1 can be set up for various modes of
operation by writing two configuration bytes to the
coprocessor port. The format of the two configuration
bytes is shown in the Configuration Table on page 3
and the configuration options are described in the fol-
lowing paragraphs.
Configuration Options
External/Internal Codec Clock (ECLK): If external
codec clocking is selected, an external clocking source
provides an 8 kHz transmit framing clock and an 8 kHz
receive framing clock. It also provides a serial bit clock
with a frequency that is a multiple of 8 kHz between
216 kHz and 2.496 MHz for exchange of data via the
serial ports. When internal codec clocking is selected,
the M-986-2A1 provides an 8 kHz framing clock and a
2.048 MHz serial bit clock.
2 of 6/Binary Input/Output (IOM): When the 2-of-6
input/output is selected, the M-986-2A1 encodes the
received R1 MF tone pair into a 6-bit format, where
each bit represents one of the six possible frequencies.
A logic high level indicates the presence of a frequen-
cy. The digital input to the M-986-2A1 that selects the
transmitted R1 MF tone pair must also be coded in the
2-of-6 format.


Similar Part No. - M-986-2A1PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2P CLARE-M-986-2R2P Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2PL CLARE-M-986-2R2PL Datasheet
520Kb / 13P
   MFC Transceivers
More results

Similar Description - M-986-2A1PL

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
logo
List of Unclassifed Man...
A220D ETC-A220D Datasheet
112Kb / 1P
   FM-MF ZESILOVAC DEMODULATOR
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
logo
Token Electronics Indus...
MF-2514W100RBP TOKEN-MF-2514W100RBP Datasheet
346Kb / 3P
   MF Metal Film Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com