Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-986-1R2P Datasheet(PDF) 8 Page - Clare, Inc.

Part # M-986-1R2P
Description  MFC Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-1R2P Datasheet(HTML) 8 Page - Clare, Inc.

Back Button M-986-1R2P Datasheet HTML 4Page - Clare, Inc. M-986-1R2P Datasheet HTML 5Page - Clare, Inc. M-986-1R2P Datasheet HTML 6Page - Clare, Inc. M-986-1R2P Datasheet HTML 7Page - Clare, Inc. M-986-1R2P Datasheet HTML 8Page - Clare, Inc. M-986-1R2P Datasheet HTML 9Page - Clare, Inc. M-986-1R2P Datasheet HTML 10Page - Clare, Inc. M-986-1R2P Datasheet HTML 11Page - Clare, Inc. M-986-1R2P Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Reciever Characteristics
Parameter
Test Conditions
Min
Max
Unit
A
d
Detect amplitude
Per frequency
-35
-5
dBm0
A
nd
No-detect amplitude
Per frequency
-42
-35
dBm0
F
d
Detect with frequency offset
From nominal
±10
-
Hz
TW
d
Detect with twist
Adjacent frequencies
±5
-
dB
Nonadjacent frequencies
±7
-
dB
TW
nd
No detect with twist
±20
-
dB
T3
r
Third R2F tone reject Relative to highest level frequency
-20
-
dB
FF
d
Detect R2B with R2F disturbing
Above lowest level R2B tone
(-12.5 dBm0 max.)
13.5
-
dB
FT
nd
No detect R2F with 2 out-of-band sine waves
Any frequencies from
330 - 1150 Hz and 2130 - 3400 Hz
-5
-
dBm0
RT
nd
No detect R2B with 2 out-of-band sine waves
Any frequencies from 1300-3400 Hz
-5
-
dBm0
T
on
Tone time
Reject
7
-
ms
T
int
Interrupted tone time
Reject
7
-
ms
T
or
Operate and release time
-80
Transmitter Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
F
OS
Frequency offset
From nominal
-
-
±1
Hz
T
W
Twist
High/low
-
-
±0.5
dB
A
S
Signal amplitude
Per component
-9.26
-8.86
-8.46
dBm0
T
S
Time skew
Between components
-
-
0
ms
P
hi
Power due to harmonic distortion and
intermodulation
300 to 3400 Hz
-
-
-46.5
dBm0
CLKOUT Timing Parameters
Parameter
Test Conditions
Min
Nom
Max
Unit
t
c(C)
CLKOUT cycle time
195.27
195.31
195.35
ns
t
r(C)
CLKOUT rise time
R
L = 825
-
10
-
ns
t
f(C)
CLKOUT fall time
C
L = 100 pFΩ
-8
-
ns
t
d(MCC)
Delay time CLKIN
↑ to CLKOUT↓
25
-
60
ns
Reset (RS) Timing
Parameter
Test Conditions
Min
Max
Unit
t
dis(R)
Data bus disable time after RS
R
L = 825
-
75
ns
t
d12
Delay time from RS
↓ to high-impedance SCLK
C
L = 100 pFΩ
-
200
ns
t
d13
Delay time from RS
↓ to high-impedance DX1, DX0
-
200
ns
t
su(R)
Reset (RS) setup time prior to CLKOUT
50
-
ns
t
w(R)
RS pulse duration
977
-
ns
www.clare.com
8
M-986-2R2
Rev. 3


Similar Part No. - M-986-1R2P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-986-2A1 CLARE-M-986-2A1 Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1P CLARE-M-986-2A1P Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1PL CLARE-M-986-2A1PL Datasheet
499Kb / 13P
   MF Transceiver
More results

Similar Description - M-986-1R2P

ManufacturerPart #DatasheetDescription
logo
Qualiflow Therm
RS485 QUALIFLOW-RS485 Datasheet
1Mb / 4P
   MFC Accessories
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com