Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8870 Datasheet(PDF) 5 Page - Clare, Inc.

Part # M8870
Description  DTMF Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8870 Datasheet(HTML) 5 Page - Clare, Inc.

  M8870 Datasheet HTML 1Page - Clare, Inc. M8870 Datasheet HTML 2Page - Clare, Inc. M8870 Datasheet HTML 3Page - Clare, Inc. M8870 Datasheet HTML 4Page - Clare, Inc. M8870 Datasheet HTML 5Page - Clare, Inc. M8870 Datasheet HTML 6Page - Clare, Inc. M8870 Datasheet HTML 7Page - Clare, Inc. M8870 Datasheet HTML 8Page - Clare, Inc. M8870 Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Tone Decoding
FLOW
FHIGH
Key (ref.)
OE
Q4
Q3
Q2
Q1
697
1209
1
H
0
0
0
1
697
1336
2
H
0
0
1
0
697
1477
3
H
0
0
1
1
770
1209
4
H
0
1
0
0
770
1336
5
H
0
1
0
1
770
1477
6
H
0
1
1
0
852
1209
7
H
0
1
1
1
852
1336
8
H
1
0
0
0
852
1477
9
H
1
0
0
1
941
1336
0
H
1
0
1
0
941
1209
S
H
1
0
1
1
941
1477
#
H
1
1
0
0
697
1633
A
H
1
1
0
1
770
1633
B
H
1
1
1
0
852
1633
C
H
1
1
1
1
941
1633
D
H
0
0
0
0
ANY
ANY
ANY
L
Z
Z
Z
Z
L = logic low, H = logic high, Z = high impedance
M-8870
www.clare.com
5
Rev. 3
Differential Input Configuration
Common Crystal Connection
stops the oscillator and the functioning of the filters.
On the M-8870-01 models, this pin is tied to ground
(logic low).
Inhibit mode is enabled by a logic high input to pin 5
(INH). It inhibits the detection of 1633 Hz. The output
code will remain the same as the previous detected
code (see Pin functions table on page 4). On the M-
8870-01 models, this pin is tied to ground (logic low).
Input Configuration
The input arrangement of the M-8870 provides a dif-
ferential input operational amplifier as well as a bias
source (V
REF) to bias the inputs at mid-rail. Provision
is made for connection of a feedback resistor to the
op-amp output (GS) for gain adjustment.
In a single-ended configuration, the input pins are
connected as shown in the Single - Ended Input
Configuration on page 3 with the op-amp connected
for unity gain and V
REF biasing the input at 1/2VDD.
The Differential Input Configuration bellow permits
gain adjustment with the feedback resistor R
5.
DTMF Clock Circuit
The internal clock circuit is completed with the addition
of a standard 3.579545 MHz television color burst crys-
tal. The crystal can be connected to a single M-8870 as
shown in the Single - Ended Input Configuration on
page 3, or to a series of M-8870s. As illustrated in the
Common Crystal Connection below, a single crystal
can be used to connect a series of M-8870s by cou-
pling the oscillator output of each M-8870 through a 30
pF capacitor to the oscillator input of the next M-8870.


Similar Part No. - M8870

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M8870-R3 CLARE-M8870-R3 Datasheet
307Kb / 9P
   DTMF Receiver
More results

Similar Description - M8870

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_09 Datasheet
136Kb / 14P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com