Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5.0C Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ5.0C
Description  600 Watts Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ5.0C Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ5.0C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0C Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0C Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMBJ SERIES
600 Watts Surface Mount
Transient Voltage Suppressor
Features
For surface mounted application
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps
from 0 volt to BV min.
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed:
260oC / 10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
600 watts peak pulse power capability with a 10
x 1000 us waveform by 0.01% duty cycle
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated lead free,
Polarity: Indicated by cathode band except
bipolar
Weight: 0.093gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
oC, Tp=1ms (Note 1)
PPK
Minimum 600
Watts
Steady State Power Dissipation
Pd
3
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3) - Unidirectional Only
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 50.0A for
Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Typical Thermal Resistance (Note 5)
RθJC
RθJA
10
55
oC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on 5.0mm
2 (.013 mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 pulses Per Minute Maximum.
4. VF=3.5V on SMBJ5.0 thru SMBJ90 Devices and VF=5.0V on SMBJ100 thru SMBJ170 Devices.
5. Measured on P.C.B. with 0.27 x 0.27” (7.0 x 7.0mm) Copper Pad Areas
.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types SMBJ5.0 through Types SMBJ170.
2. Electrical Characteristics Apply in Both Directions.
http://www.luguang.cn
mail:lge@luguang.cn
SMB/DO-214AA
0.180(4.57)
0.160(4.06)
0.086(2.20)
0.077(1.95)
0.209(5.30)
0.201(5.10)
0.155(3.94)
0.130(3.30)
Dimensions in inches and(millimeters)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.096(2.44)
0.084(2.13)
0.059(1.50)
0.035(0.90)
0.002(0.05)


Similar Part No. - SMBJ5.0C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ5.0C BYTES-SMBJ5.0C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ5.0C SEMITECH-SMBJ5.0C Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
SMBJ5.0C EIC-SMBJ5.0C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ5.0C SOCAY-SMBJ5.0C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ5.0C MCC-SMBJ5.0C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ5.0C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com