Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0300EBL Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # P0300EBL
Description  SIDACtor Protection Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P0300EBL Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  P0300EBL Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P0300EBL Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P0300EBL Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P0300EBL Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P0300EBL Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P0300EBL Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD P0300EBL Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
continued
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
P2300EBL
P2300EB
190
260
150
800
2.2
4
50
P2600EBL
P2600EB
220
300
150
800
2.2
4
45
P3100EBL
P3100EB
275
350
150
800
2.2
4
45
P3500EBL
P3500EB
320
400
150
800
2.2
4
40
P0080ECL
P0080EC
6
25
50
800
2.2
4
70
P0300ECL
P0300EC
25
40
50
800
2.2
4
65
P0640ECL
P0640EC
58
77
150
800
2.2
4
55
P0720ECL
P0720EC
65
88
150
800
2.2
4
60
P0900ECL
P0900EC
75
98
150
800
2.2
4
65
P1100ECL
P1100EC
90
130
150
800
2.2
4
55
P1300ECL
P1300EC
120
160
150
800
2.2
4
60
P1500ECL
P1500EC
140
180
150
800
2.2
4
50
P1800ECL
P1800EC
170
220
150
800
2.2
4
55
P2100ECL
P2100EC
180
240
150
800
2.2
4
85
P2300ECL
P2300EC
190
260
150
800
2.2
4
65
P2600ECL
P2600EC
220
300
150
800
2.2
4
65
P3100ECL
P3100EC
275
350
150
800
2.2
4
55
P3500ECL
P3500EC
320
400
150
800
2.2
4
50
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature
range .
-Off-state capacitance(Co) is typical value.
*For surge ratings,see next page.
3
Revised:February 25,2014
www.huaandz.com


Similar Part No. - P0300EBL

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P0300EBL HUAXINAN-P0300EBL Datasheet
617Kb / 7P
   Protection Thyristor
P0300EBL HUAXINAN-P0300EBL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
logo
Littelfuse
P0300EBLRP1 LITTELFUSE-P0300EBLRP1 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
P0300EBLRP2 LITTELFUSE-P0300EBLRP2 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
P0300EBLXXX LITTELFUSE-P0300EBLXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
More results

Similar Description - P0300EBL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com