Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF26A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMF26A
Description  Surface Mount ESD Protection Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMF26A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMF26A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMF26A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMF26A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For surface mounted applications
Low profile package
Low incremental surge resistance,excellent
clamping capability
Case: JEDEC SOD-123FL, molded plastic
Marking code: see TABLE 1
Mounting position: Any
SYMBOL
UNITS
PPPM
W
IPPM
A
VF
V
RθJA
K/W
TJ
TSTG
NOTE:(1)Non-repetitive current pulse and derated above TA=25℃
cycle):0.01%
Forw ard voltage @ IF=12A
3.5
Ratings at 25℃ ambient temperature unless otherwise specified
( cathode ) except for bidirectional
Polarity: Color band denotes positive end
See
Table1
VALUE
200
Peak pulse current 10/1000
µs wavefrom (NOTE 1)
Storage temperature range
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
ABSOLUTE MAXIMUM RATINGS AND CHARACTERISTICS
200W peak pulse power capability with a
10/1000
µs wave from,repetition rate (duty
Non-repetitive peak pulse power dissipation
with a 10/1000µs waveform (NOTE 1)
Thermal resistance junction to ambient
Operating temperature junction range
180
- 55 to +150
- 55 to +150
SMF5.0A-SMF220A
Surface Mount ESD Protection Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn
0.138(3.5)
Dimensions in inches and(millimeters)
0.047(1.19)
0.043(1.09)
0.008(0.20)
0.004(0.10)
SOD-123FL
0.114(2.9)
0.098(2.5)
0.043(1.09)
0.035(0.89)
0.075(1.90)
0.067(1.70)
0.154(3.9)
0.030(0.76)
0.018(0.45)


Similar Part No. - SMF26A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF26A VISHAY-SMF26A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF26A RFE-SMF26A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
Nanjing International G...
SMF26A DGNJDZ-SMF26A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF26A VISHAY-SMF26A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF26A ANOVA-SMF26A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF26A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com