Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M-8870-02 Datasheet(PDF) 4 Page - Clare, Inc.

Part No. M-8870-02
Description  DTMF Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

   
 4 page
background image
Pin Functions
Pin
Name
Description
1
IN+
Non-inverting input
Connections to the front-end differential amplifier.
2
IN-
Inverting input
3
GS
Gain select. Gives access to output of front-end amplifier for connection of feedback resistor.
4V
REF
Reference voltage output (nominally VDD/2). May be used to bias the inputs at mid-rail.
5
INH*
Inhibits detection of tones representing keys A, B, C, and D.
6
PD*
Power down. Logic high powers down the device and inhibits the oscillator. Internal pulldown.
7
OSC1
Clock input
3.579545 MHz crystal connected between these pins completes the internal oscillator.
8
OSC2
Clock output
9
VSS
Negative power supply (normally connected to 0 V).
10
OE
Tri-statable output enable (input). Logic high enables the outputs Q1 - Q4. Internal pullup.
11-14 Q1, Q2, Tri-statable data outputs. When enabled by OE, provides the code corresponding to the last valid tone pair
Q3, Q4
received (see Tone Decoding table on page 5).
15
StD
Delayed steering output. Presents a logic high when a received tone pair has been registered and the output latch is
updated. Returns to logic low when the voltage on St/GT falls below VTSt.
16
ESt
Early steering output. Presents a logic high immediately when the digital algorithm detects a recognizable tone pair (signal
condition). Any momentary loss of signal condition will cause ESt to return to a logic low.
17
St/GT
Steering input/guard time output (bidirectional). A voltage greater than VTSt detected at St causes the device to register the
detected tone pair and update the output latch. A voltage less than VTSt frees the device to accept a new tone pair. The GT
output acts to reset the external steering time constant, and its state is a function of ESt and the voltage on St. (See
Common Crystal Connection on page 5).
18
V
DD
Positive power supply. (Normally connected to +5V.)
* -02 only. Connect to V
SS for -01 version
www.clare.com
4
M-8870
Rev. 3
Guard Time Adjustment
Where independent selection of signal duration and
interdigit pause are not required, the simple steering
circuit of Basic Steering
Circuit is applicable.
Component values are chosen according to the formu-
la:
t
REC = tDP + tGTP
t
GTP @ 0.67 RC
The value of tDP is a parameter of the device and
tREC is the minimum signal duration to be recognized
by the receiver. A value for C of 0.1 µF is recommend-
ed for most applications, leaving R to be selected by
the designer. For example, a suitable value of R for a
t
REC of 40 ms would be 300 kΩ. A typical circuit using
this steering configuration is shown in the Single -
Ended Input Configuration on page 4. The timing
requirements for most telecommunication applications
are satisfied with this circuit. Different steering arrange-
ments may be used to select independently the guard
times for tone-present (t
GTP) and tone-absent (tGTA).
This may be necessary to meet system specifications
that place both accept and reject limits on both tone
duration and interdigit pause.
Guard time adjustment also allows the designer to tai-
lor system parameters such as talkoff and noise immu-
nity. Increasing t
REC
improves talkoff performance,
since it reduces the probability that tones simulated by
speech will maintain signal condition long enough to be
registered. On the other hand, a relatively short t
REC
with a long t
DO would be appropriate for extremely
noisy environments where fast acquisition time and
immunity to dropouts would be required. Design infor-
mation for guard time adjustment is shown in the
Guard Time Adjustment below.
Power-down and Inhibit Mode (-02 only)
A logic high applied to pin 6 (PD) will place the device
into standby mode to minimize power consumption. It
Figure 5 Guard Time Adjustment




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU8871FDTMF receiver for telephones 1 2 3 4 5 MoreRohm
IN9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
BU8872DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC7385DTMF Receiver 1 2 3 4 5 MoreSanyo Semicon Device
CD222025V Low Power DTMF Receiver 1 2 3 4 5 MoreIntersil Corporation
IL9270NDTMF signal receiver 1 2 3 4 5 List of Unclassifed Manufacturers
HT9172DTMF Receiver 1 2 3 4 5 MoreHoltek Semiconductor Inc
BU8874DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC73860DTMF Receiver IC 1 2 3 4 5 MoreSanyo Semicon Device
CD222045V Low Power Subscriber DTMF Receiver 1 2 3 4 5 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl