Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M-8870-02 Datasheet(PDF) 8 Page - Clare, Inc.

Part No. M-8870-02
Description  DTMF Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

   
 8 page
background image
Tolerances for 18 - pin Dip
Inches
Metric (mm)
Min
Max
Min
Max
A
.0926
.1043
2.35
2.65
A1
.0040
.0118
.10
.30
b
.013
.020
.33
.51
D
.4469
.4625
11.35
11.75
E
.2914
.2992
7.4
7.6
e
.050 BSC
1.27 BSC
H
.394
.419
10.00
10.65
L
.016
.050
.40
1.27
Tolerances for 18 - pin Dip
Inches
Metric (mm)
Min
Max
Min
Max
A
-
.210
-
5.33
A1
.015
-
.38
-
b
.014
.022
.36
.56
b2
.045
.070
1.1
1.7
C
.008
.014
.20
.36
D
.880
.920
23.35
23.37
E
.300
.325
7.62
8.26
E1
.240
.280
6.10
7.11
e
.100 BSC
2.54 BSC
ec
15°
15°
L
.115
.150
2.92
3.81
www.clare.com
8
M-8870
Rev. 3
Figure 9 Mechanical Dimensions
Dimensions
mm
(inches)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU8871FDTMF receiver for telephones 1 2 3 4 5 MoreRohm
IN9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
BU8872DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC7385DTMF Receiver 1 2 3 4 5 MoreSanyo Semicon Device
CD222025V Low Power DTMF Receiver 1 2 3 4 5 MoreIntersil Corporation
IL9270NDTMF signal receiver 1 2 3 4 5 List of Unclassifed Manufacturers
HT9172DTMF Receiver 1 2 3 4 5 MoreHoltek Semiconductor Inc
BU8874DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC73860DTMF Receiver IC 1 2 3 4 5 MoreSanyo Semicon Device
CD222045V Low Power Subscriber DTMF Receiver 1 2 3 4 5 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl