Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2RL-1A4-E-CF Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G2RL-1A4-E-CF
Description  High Capacity, Low Profile Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL-1A4-E-CF Datasheet(HTML) 6 Page - Omron Electronics LLC

  G2RL-1A4-E-CF Datasheet HTML 1Page - Omron Electronics LLC G2RL-1A4-E-CF Datasheet HTML 2Page - Omron Electronics LLC G2RL-1A4-E-CF Datasheet HTML 3Page - Omron Electronics LLC G2RL-1A4-E-CF Datasheet HTML 4Page - Omron Electronics LLC G2RL-1A4-E-CF Datasheet HTML 5Page - Omron Electronics LLC G2RL-1A4-E-CF Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PCB Relay
G2RL
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.omron.com/oei
Canada - http://www.omron.ca
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, divide by 25.4
Cat. No. GC RLY8
5/03
Specifications subject to change without notice
Printed in USA
OMRON CANADA, INC.
885 Milner Avenue
Toronto, Ontario M1B 5V8
416-286-6465
OMRON ELECTRONICS LLC
One Commerce Drive
Schaumburg, IL 60173
847-882-2288


Similar Part No. - G2RL-1A4-E-CF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-1A4-E-CF-DC12 OMRON-G2RL-1A4-E-CF-DC12 Datasheet
1Mb / 8P
   Low profile power relay with 15.7 mm height, ideal for incorporation in miniature equipments
G2RL-1A4-E-CF-DC24 OMRON-G2RL-1A4-E-CF-DC24 Datasheet
1Mb / 8P
   Low profile power relay with 15.7 mm height, ideal for incorporation in miniature equipments
G2RL-1A4-E-CF-DC5 OMRON-G2RL-1A4-E-CF-DC5 Datasheet
1Mb / 8P
   Low profile power relay with 15.7 mm height, ideal for incorporation in miniature equipments
More results

Similar Description - G2RL-1A4-E-CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
Nais(Matsushita Electri...
ASX2001H NAIS-ASX2001H Datasheet
95Kb / 5P
   HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Fujitsu Component Limit...
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com