Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2RL-24-CF-DC24 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2RL-24-CF-DC24
Description  High Capacity, Low Profile Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL-24-CF-DC24 Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2RL-24-CF-DC24 Datasheet HTML 1Page - Omron Electronics LLC G2RL-24-CF-DC24 Datasheet HTML 2Page - Omron Electronics LLC G2RL-24-CF-DC24 Datasheet HTML 3Page - Omron Electronics LLC G2RL-24-CF-DC24 Datasheet HTML 4Page - Omron Electronics LLC G2RL-24-CF-DC24 Datasheet HTML 5Page - Omron Electronics LLC G2RL-24-CF-DC24 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
PCB Relay
G2RL
Engineering Data
DC resistive
load
AC resistive load
J
MAXIMUM SWITCHING CAPACITY
Switching voltage (V)
J
AMBIENT TEMPERATURE
VS MAXIMUM COIL VOLTAGE
Ambient Temperature (°C)
J
AMBIENT TEMPERATURE
VS RATED CARRY CURRENT
Ambient Temperature (°C)
G2RL-2A, G2RL-2
G2RL-1A-E, G2RL-1-E
G2RL-1A, G2RL-1
G2RL-1A, G2RL-1
G2RL-1A-E, G2RL-1-E
G2RL-2A, G2RL-2
Switching voltage (V)
Switching voltage (V)
Note: The maximum coil voltage refers to the maximum value in a varying range of operating power voltage, not a continuous voltage.
DC resistive
load
AC resistive load
DC resistive
load
AC resistive load
85
Dimensions
Unit: mm (inch)
* Indicates average
dimensions.
G2RL-1A, G2RL-1A4
Four, 1.3±0.1 dia.
holes
Mounting Holes
(Bottom View)
Terminal Arrangement/
Internal Connection
(Bottom View)
3
4
5
1
(2.5)


Similar Part No. - G2RL-24-CF-DC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
1Mb / 8P
   Low profile power relay with 15.7 mm height, ideal for incorporation in miniature equipments
More results

Similar Description - G2RL-24-CF-DC24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
Nais(Matsushita Electri...
ASX2001H NAIS-ASX2001H Datasheet
95Kb / 5P
   HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Fujitsu Component Limit...
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com