Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQG4902 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQG4902
Description  250V Dual N & P-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQG4902 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQG4902 Datasheet HTML 1Page - Fairchild Semiconductor FQG4902 Datasheet HTML 2Page - Fairchild Semiconductor FQG4902 Datasheet HTML 3Page - Fairchild Semiconductor FQG4902 Datasheet HTML 4Page - Fairchild Semiconductor FQG4902 Datasheet HTML 5Page - Fairchild Semiconductor FQG4902 Datasheet HTML 6Page - Fairchild Semiconductor FQG4902 Datasheet HTML 7Page - Fairchild Semiconductor FQG4902 Datasheet HTML 8Page - Fairchild Semiconductor FQG4902 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. A1, April 2002
©2002 Fairchild Semiconductor Corporation
Electrical Characteristics (Continued)
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. ISD ≤ 0.54A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
3. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
4. Essentially independent of operating temperature
5. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance. RθCA is determined by the user’s board design
Maximum R
θJA using the different board layouts on 3”x4.5” FR-4 PCB in a still air environment :
a. 90°C/W when mounted without any pad copper
b. 62.5°C/W when mounted on a 4.5 in2 pad of 2oz copper. In such an environment, the power dissipation can be enhanced up to 2W
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max
Units
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
N-Ch
--
--
0.54
A
P-Ch
--
--
-0.54
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
N-Ch
--
--
4.32
A
P-Ch
--
--
-4.32
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 0.54 A
N-Ch
--
--
1.5
V
VGS = 0 V, IS = -0.54 A
P-Ch
--
--
-5.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 0.54 A,
dIF / dt = 100 A/µs
(Note 3)
N-Ch
--
90
--
ns
Qrr
Reverse Recovery Charge
--
189
--
nC
trr
Reverse Recovery Time
VGS = 0 V, IS = -0.54 A,
dIF / dt = 100 A/µs
(Note 3)
P-Ch
--
77
--
ns
Qrr
Reverse Recovery Charge
--
210
--
nC


Similar Part No. - FQG4902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQG4902 FAIRCHILD-FQG4902 Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
More results

Similar Description - FQG4902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQG4902 FAIRCHILD-FQG4902 Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com