Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU11P06TU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQU11P06TU
Description  P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU11P06TU Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQU11P06TU Datasheet HTML 1Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 2Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 3Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 4Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 5Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 6Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 7Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 8Page - Fairchild Semiconductor FQU11P06TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.fairchildsemi.com
7
Mechanical Dimensions
©2000 Fairchild Semiconductor Corporation
FQD11P06 / FQU11P06 Rev. C2
Figure 16. TO252 (D-PAK), Molded, 3-Lead, Option AA&AB
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT252-003


Similar Part No. - FQU11P06TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU11P06 FAIRCHILD-FQU11P06 Datasheet
615Kb / 9P
   60V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQU11P06 VBSEMI-FQU11P06 Datasheet
1Mb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQU11P06 ISC-FQU11P06 Datasheet
377Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQU11P06 FAIRCHILD-FQU11P06_09 Datasheet
856Kb / 9P
   60V P-Channel MOSFET
More results

Similar Description - FQU11P06TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB8P10TM FAIRCHILD-FQB8P10TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQU17P06TU FAIRCHILD-FQU17P06TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com