Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN05402 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN05402
Description  53.8MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN05402 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN05402 Datasheet HTML 1Page - SIPAT Co,Ltd LBN05402 Datasheet HTML 2Page - SIPAT Co,Ltd LBN05402 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN05402
Rev. Date
2005-6-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
53.8MHz SAW Filter
7.3MHz Bandwidth
Part Number: LBN05402
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
53.7
53.8
53.9
Insertion Loss
dB
22.5
24
1 dB Bandwidth
MHz
7.1
7.2
3 dB Bandwidth
MHz
7.4
7.76
40 dB Bandwidth
MHz
9.4
9.7
Passband Variation
dB
0.5
1
Ultimate Rejection
dB
50
55
Phase Linearity(f0±3MHz)
degree
3
5
Group Delay Variation(f0±3MHz)
nsec
60
100
Material temperature coefficient
KHz/°C
-4.4116
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN05402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN05402 SIPAT-LBN05402 Datasheet
148Kb / 3P
   53.8MHz SAW Filter 7.3MHz Bandwidth
More results

Similar Description - LBN05402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN05402 SIPAT-LBN05402 Datasheet
148Kb / 3P
   53.8MHz SAW Filter 7.3MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com