Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN3820F3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTN3820F3
Description  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN3820F3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTN3820F3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 6Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 7Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 8Page - Cystech Electonics Corp. MTN3820F3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C576F3
Issued Date : 2011.11.19
Revised Date :
Page No. : 1/10
MTN3820F3
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTN3820F3
BVDSS
100V
ID
26A
VGS=10V, ID=18A
64mΩ
RDSON(TYP)
VGS=4V, ID=10A
65mΩ
Features
• Low Gate Charge
• Simple Drive Requirement
• Repetitive Avalanche Rated
• Fast Switching Characteristic
• RoHS compliant package
Symbol
Outline
MTN3820F3
TO-263
G:Gate
D:Drain
S:Source
G
D
S
Absolute Maximum Ratings (TC=25
°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
100
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @VGS=10V, TC=25
°C
ID
26
Continuous Drain Current @VGS=10V, TC=100
°C
ID
15
Pulsed Drain Current
(Note 1)
IDM
104
Avalanche Current
IAS
20
A
Avalanche Energy @ L=0.14mH, ID=20A, RG=25Ω
EAS
35
Repetitive Avalanche Energy@ L=0.1mH
(Note 2)
EAR
5.6
mJ
TC=25℃
56
Power Dissipation
PD
W
TA=25℃
2
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle ≤ 1%


Similar Part No. - MTN3820F3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN3820J3 CYSTEKEC-MTN3820J3 Datasheet
284Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTN3820F3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com